Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 399Page - Renesas Technology Corp HD6417618 Datasheet HTML 400Page - Renesas Technology Corp HD6417618 Datasheet HTML 401Page - Renesas Technology Corp HD6417618 Datasheet HTML 402Page - Renesas Technology Corp HD6417618 Datasheet HTML 403Page - Renesas Technology Corp HD6417618 Datasheet HTML 404Page - Renesas Technology Corp HD6417618 Datasheet HTML 405Page - Renesas Technology Corp HD6417618 Datasheet HTML 406Page - Renesas Technology Corp HD6417618 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 371 of 610
REJ09B0131-0600
Receiving Serial Data (Asynchronous Mode):
Figures 14.7 and 14.8 show a sample flowchart for serial reception.
Use the following procedure for serial data reception after enabling the SCIF for reception.
Start of reception
Read ER, DR, BRK flags in
SCFSR and ORER
flag in SCLSR
ER, DR, BRK or ORER = 1?
Read RDF flag in SCFSR
RDF = 1?
Read receive data in
SCFRDR, and clear RDF
flag in SCFSR to 0
All data received?
Clear RE bit in SCSCR to 0
End of reception
Yes
No
Yes
Yes
No
No
Error handling
[1] Receive error handling and
break detection:
Read the DR, ER, and BRK
flags in SCFSR, and the
ORER flag in SCLSR, to
identify any error, perform the
appropriate error handling,
then clear the DR, ER, BRK,
and ORER flags to 0. In the
case of a framing error, a
break can also be detected by
reading the value of the RxD
pin.
[2] SCIF status check and receive
data read:
Read SCFSR and check that
RDF = 1, then read the receive
data in SCFRDR, read 1 from
the RDF flag, and then clear
the RDF flag to 0. The
transition of the RDF flag from
0 to 1 can also be identified by
an RXI interrupt.
[3] Serial reception continuation
procedure:
To continue serial reception,
read at least the receive
trigger set number of receive
data bytes from SCFRDR,
read 1 from the RDF flag, then
clear the RDF flag to 0. The
number of receive data bytes
in SCFRDR can be
ascertained by reading from
SCRFDR.
[1]
[2]
[3]
Figure 14.7 Sample Flowchart for Receiving Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com