Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 398Page - Renesas Technology Corp HD6417618 Datasheet HTML 399Page - Renesas Technology Corp HD6417618 Datasheet HTML 400Page - Renesas Technology Corp HD6417618 Datasheet HTML 401Page - Renesas Technology Corp HD6417618 Datasheet HTML 402Page - Renesas Technology Corp HD6417618 Datasheet HTML 403Page - Renesas Technology Corp HD6417618 Datasheet HTML 404Page - Renesas Technology Corp HD6417618 Datasheet HTML 405Page - Renesas Technology Corp HD6417618 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 370 of 610
REJ09B0131-0600
Figure 14.5 shows an example of the operation for transmission.
1
0
D0
D1
D7
0/1
1
0
D0
D1
D7
0/1
1
1
TDFE
TEND
Serial
data
Start
bit
Data
Parity
bit
Stop
bit
Start
bit
Idle state
(mark state)
Data
Parity
bit
Stop
bit
TXI interrupt
request
Data written to SCFTDR
and TDFE flag read as 1
then cleared to 0 by TXI
interrupt handler
One frame
TXI interrupt
request
Figure 14.5 Example of Transmit Operation
(8-Bit Data, Parity, One Stop Bit)
4. When modem control is enabled, transmission can be stopped and restarted in accordance with
the
CTS input value. When CTS is set to 1, if transmission is in progress, the line goes to the
mark state after transmission of one frame. When
CTS is set to 0, the next transmit data is
output starting from the start bit.
Figure 14.6 shows an example of the operation when modem control is used (only for
channel 0).
Serial data
TxD
0
D0
D1
D7
0/1
0
1
D0
D1
D7 0/1
CTS
Drive high before stop bit
Start
bit
Parity
bit
Stop
bit
Start
bit
Figure 14.6 Example of Operation Using Modem Control (
CTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com