Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 276Page - Renesas Technology Corp HD6417618 Datasheet HTML 277Page - Renesas Technology Corp HD6417618 Datasheet HTML 278Page - Renesas Technology Corp HD6417618 Datasheet HTML 279Page - Renesas Technology Corp HD6417618 Datasheet HTML 280Page - Renesas Technology Corp HD6417618 Datasheet HTML 281Page - Renesas Technology Corp HD6417618 Datasheet HTML 282Page - Renesas Technology Corp HD6417618 Datasheet HTML 283Page - Renesas Technology Corp HD6417618 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 248 of 610
REJ09B0131-0600
FDPX
FDPX
HDPX
HDPX
Collision
Collision
Collision*2
Collision*2
Error
Error
Error
Normal transmission
Notes: 1. Transmission retry processing includes both jam transmission that depends on collision
detection and the adjustment of transmission intervals based on the back-off algorithm.
2. Transmission is retried only when data of 512 bits or less (including the preamble and
SFD) is transmitted. When a collision is detected during the transmission of data greater
than 512 bits, only jam is transmitted and transmission based on the back-off algorithm
is not retried.
Error
notification
Transmission
halted
Start of transmission
(preamble transmission)
Carrier
detection
Carrier
detection
SFD
transmission
CRC
transmission
Data
transmission
Carrier
detection
Failure of 15
retransfer attempts
or collision
after 512-bit time
Retransfer
processing*1
Error detection
Retransfer
initiation
Carrier
non-detection
Carrier
non-detection
Idle
TE set
TE reset
Reset
[Legend]
FDPX: Full Duplex
HDPX: Half Duplex
SFD:
Start Frame Delimiter
Figure 11.2 EtherC Transmitter State Transitions
1. When the transmit enable (TE) bit is set, the transmitter enters the transmit idle state.
2. When a transmit request is issued by the transmit E-DMAC, the EtherC sends the preamble
after a transmission delay equivalent to the frame interval time. If full-duplex transfer is
selected, which does not require carrier detection, the preamble is sent as soon as a transmit
request is issued by the E-DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com