Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 277Page - Renesas Technology Corp HD6417618 Datasheet HTML 278Page - Renesas Technology Corp HD6417618 Datasheet HTML 279Page - Renesas Technology Corp HD6417618 Datasheet HTML 280Page - Renesas Technology Corp HD6417618 Datasheet HTML 281Page - Renesas Technology Corp HD6417618 Datasheet HTML 282Page - Renesas Technology Corp HD6417618 Datasheet HTML 283Page - Renesas Technology Corp HD6417618 Datasheet HTML 284Page - Renesas Technology Corp HD6417618 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 249 of 610
REJ09B0131-0600
3. The transmitter sends the SFD, data, and CRC sequentially. At the end of transmission, the
transmit E-DMAC generates a transmission complete interrupt (TC). If a collision or the
carrier-not-detected state occurs during data transmission, these are reported as interrupt
sources.
4. After waiting for the frame interval time, the transmitter enters the idle state, and if there is
more transmit data, continues transmitting.
11.4.2
Reception
The EtherC receiver separates the frame data (MII into preamble, SFD, DA (destination address),
SA (Source address), type/length, Data, and CRC data) and outputs DA, SA, type/length, Data to
the E-DMAC. Figure 11.3 shows the state transitions of the EtherC receiver.
Illegal carrier
detection
Start of frame
reception
Wait for SFD
reception
Data
reception
CRC
reception
Destination address
reception
Preamble
detection
Reception
halted
Reset
Error
notification*
RE set
[Legend]
SFD: Start frame delimiter
Note: * The error frame also transmits data to the buffer.
End of
reception
Receive error
detection
Receive error
detection
Error
detection
Promiscuous and other
station destination address
RE reset
Normal reception
Idle
RX-DV negation
SFD
reception
Own destination address
or broadcast
or multicast
or promiscuous
Figure 11.3 EtherC Receiver State Transmissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com