Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 354Page - Renesas Technology Corp HD6417618 Datasheet HTML 355Page - Renesas Technology Corp HD6417618 Datasheet HTML 356Page - Renesas Technology Corp HD6417618 Datasheet HTML 357Page - Renesas Technology Corp HD6417618 Datasheet HTML 358Page - Renesas Technology Corp HD6417618 Datasheet HTML 359Page - Renesas Technology Corp HD6417618 Datasheet HTML 360Page - Renesas Technology Corp HD6417618 Datasheet HTML 361Page - Renesas Technology Corp HD6417618 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 326 of 610
REJ09B0131-0600
• On-chip baud rate generator with selectable bit rates
• Internal or external transmit/receive clock source: From either baud rate generator (internal) or
SCK pin (external)
• Four types of interrupts: Transmit-FIFO-data-empty, break, receive-FIFO-data-full, and
receive-error interrupts are requested independently.
• When the SCIF is not in use, it can be stopped by halting the clock supplied to it, saving
power.
• In asynchronous, on-chip modem control functions (RTS and CTS) (only for channel 1 and
channel 0).
• The number of data in the transmit and receive FIFO registers and the number of receive errors
of the receive data in the receive FIFO register can be ascertained.
• A time-out error (DR) can be detected when receiving in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com