Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 358Page - Renesas Technology Corp HD6417618 Datasheet HTML 359Page - Renesas Technology Corp HD6417618 Datasheet HTML 360Page - Renesas Technology Corp HD6417618 Datasheet HTML 361Page - Renesas Technology Corp HD6417618 Datasheet HTML 362Page - Renesas Technology Corp HD6417618 Datasheet HTML 363Page - Renesas Technology Corp HD6417618 Datasheet HTML 364Page - Renesas Technology Corp HD6417618 Datasheet HTML 365Page - Renesas Technology Corp HD6417618 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 330 of 610
REJ09B0131-0600
14.3.1
Receive Shift Register (SCRSR)
SCRSR receives serial data. Data input at the RxD pin is loaded into SCRSR in the order received,
LSB (bit 0) first, converting the data to parallel form. When one byte has been received, it is
automatically transferred to SCFRDR, the receive FIFO data register. The CPU cannot read or
write to SCRSR directly.
14.3.2
Receive FIFO Data Register (SCFRDR)
SCFRDR is a 16-stage 8-bit FIFO register that stores serial receive data. The SCIF completes the
reception of one byte of serial data by moving the received data from the receive shift register
(SCRSR) into SCFRDR for storage. Continuous reception is possible until 16 bytes are stored.
The CPU can read but not write to SCFRDR. If data is read when there is no receive data in the
SCFRDR, the value is undefined. When this register is full of receive data, subsequent serial data
is lost.
SCFRDR is initialized to undefined value by a power-on reset.
Bit
Bit Name
Initial
value
R/W
Description
7 to 0
Undefined
R
FIFO for transmits serial data
14.3.3
Transmit Shift Register (SCTSR)
SCTSR transmits serial data. The SCIF loads transmit data from the transmit FIFO data register
(SCFTDR) into SCTSR, then transmits the data serially from the TxD pin, LSB (bit 0) first. After
transmitting one data byte, the SCIF automatically loads the next transmit data from SCFTDR into
SCTSR and starts transmitting again. The CPU cannot read or write to SCTSR directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com