Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 359Page - Renesas Technology Corp HD6417618 Datasheet HTML 360Page - Renesas Technology Corp HD6417618 Datasheet HTML 361Page - Renesas Technology Corp HD6417618 Datasheet HTML 362Page - Renesas Technology Corp HD6417618 Datasheet HTML 363Page - Renesas Technology Corp HD6417618 Datasheet HTML 364Page - Renesas Technology Corp HD6417618 Datasheet HTML 365Page - Renesas Technology Corp HD6417618 Datasheet HTML 366Page - Renesas Technology Corp HD6417618 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 331 of 610
REJ09B0131-0600
14.3.4
Transmit FIFO Data Register (SCFTDR)
SCFTDR is a 16-stage 8-bit FIFO register that stores data for serial transmission. When the SCIF
detects that the transmit shift register (SCTSR) is empty, it moves transmit data written in the
SCFTDR into SCTSR and starts serial transmission. Continuous serial transmission is performed
until there is no transmit data left in SCFTDR. SCFTDR can always be written to by the CPU.
When SCFTDR is full of transmit data (16 bytes), no more data can be written. If writing of new
data is attempted, the data is ignored.
SCFTDR is initialized to undefined value by a power-on reset.
Bit
Bit Name
Initial
value
R/W
Description
7 to 0
Undefined
W
FIFO for transmits serial data
14.3.5
Serial Mode Register (SCSMR)
SCSMR is a 16-bit register that specifies the SCIF serial communication format and selects the
clock source for the baud rate generator.
The CPU can always read and write to SCSMR. SCSMR is initialized to H'0000 by a power-on
reset.
Bit
Bit Name
Initial
value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
C/
A
0
R/W
Communication Mode
Selects whether the SCIF operates in asynchronous or
synchronous mode.
0: Asynchronous mode
1: Synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com