Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 351Page - Renesas Technology Corp HD6417618 Datasheet HTML 352Page - Renesas Technology Corp HD6417618 Datasheet HTML 353Page - Renesas Technology Corp HD6417618 Datasheet HTML 354Page - Renesas Technology Corp HD6417618 Datasheet HTML 355Page - Renesas Technology Corp HD6417618 Datasheet HTML 356Page - Renesas Technology Corp HD6417618 Datasheet HTML 357Page - Renesas Technology Corp HD6417618 Datasheet HTML 358Page - Renesas Technology Corp HD6417618 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 646 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 6.00 Jun. 12, 2007 Page 323 of 610
REJ09B0131-0600
13.5.3
Conflict between Byte-Write and Count-Up Processes of CMCNT
Even when the count-up occurs in the T2 cycle while writing to CMCNT in bytes, the byte-writing
has priority over the count-up. In this case, the count-up is not performed. The byte data on
another side, which is not written to, is also not counted and the previous contents remain.
Figure 13.7 shows the timing when the count-up occurs in the T2 cycle while writing to CMCNT
in bytes.
M
XX
CMCNTH
CMCNT count-up
enable
CMCNTH
CMCNTL
Peripheral operating
clock (P
φ)
Address
Internal write
T1
T2
N
CMCSR write cycle
Figure 13.7 Conflict between Byte-Write and Count-Up Processes of CMCNT
13.5.4
Conflict between Write Processes to CMCNT with the Counting Stopped and
CMCOR
Writing the same value to CMCNT with the counting stopped and CMCOR is prohibited. If
written, the CMF flag in CMCSR is set to 1 and CMCNT is cleared to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com