Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 108Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 109Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 110Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 111Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 112Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 113Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 114Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 115Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
112
MC34708
Functional Block Description
7.9.3
SPI/I2C Specification
7.10
Configuration Registers
7.10.1 Register Set structure
The general structure of the register set is given in the following table. Expanded bit descriptions are included in the following
functional sections for application guidance. For brevity’s sake, references are occasionally made herein to the register set as
the “SPI map” or “SPI bits”, but note that bit access is also possible through the I2C interface option so such references are
implied as generically applicable to the register set accessible by either interface.
Table 100. SPI/I2C Electrical Characteristics
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SPI Interface Logic IO
VINCSLO
Input Low CS
0.0
-
0.4
V
VINCSHI
Input High CS
1.1
-
SPIVCC+0.3
V
VINMOSILO/
VINCLKLO
Input Low, MOSI, CLK
0.0
-
0.3*SPIVCC
V
VINMOSIHI/
VINCLKHI
Input High, MOSI, CLK
0.7*SPIVCC
-
SPIVCC+0.3
V
VMISOLO/
VINTLO
Output Low MISO, INT
• Output sink 100
A
0.0
-
0.2
V
VMISOHI/
VINTHI
Output High MISO, INT
• Output source 100
A
SPIVCC-0.2
-
SPIVCC
V
VCC-SPI
SPIVCC Operating Range
1.75
-
3.6
V
tMISOET
MISO Rise and Fall Time, CL = 50 pF, SPIVCC = 1.8 V
•SPIDRV [1:0] = 00
•SPIDRV [1:0] = 01 (default)
•SPIDRV [1:0] = 10
•SPIDRV [1:0] = 11
-
-
-
-
6.0
2.5
3.0
2.0
-
-
-
-
ns
Table 101. Register Set
Register
Register
Register
Register
0
Interrupt Status 0
16
Memory A
32
Regulator Mode 0
48
ADC5
1
Interrupt Mask 0
17
Memory B
33
GPIOLV0 Control
49
ADC6
2
Interrupt Sense 0
18
Memory C
34
GPIOLV1 Control
50
ADC7
3
Interrupt Status 1
19
Memory C
35
GPIOLV2 Control
51
Input Monitoring
4
Interrupt Mask 1
20
RTC Time
36
GPIOLV3 Control
52
Supply Debounce
5
Interrupt Sense 1
21
RTC Alarm
37
USB Timing
53
VBUS monitoring
6
Power Up Mode Sense
22
RTC Day
38
USB Button
54
LED Control
7
Identification
23
RTC Day Alarm
39
USB Control
55
PWM Control
8
Regulator Fault Sense
24
Regulator 1 A/B Voltage
40
USB Device Type
56
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com