Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 251Page - Renesas Technology Corp HD6417618 Datasheet HTML 252Page - Renesas Technology Corp HD6417618 Datasheet HTML 253Page - Renesas Technology Corp HD6417618 Datasheet HTML 254Page - Renesas Technology Corp HD6417618 Datasheet HTML 255Page - Renesas Technology Corp HD6417618 Datasheet HTML 256Page - Renesas Technology Corp HD6417618 Datasheet HTML 257Page - Renesas Technology Corp HD6417618 Datasheet HTML 258Page - Renesas Technology Corp HD6417618 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 646 page
background image
Section 10 Power-Down Modes
Rev. 6.00 Jun. 12, 2007 Page 223 of 610
REJ09B0131-0600
10.5
Software Standby Mode
10.5.1
Transition to Software Standby Mode
This LSI switches from a program execution state to software standby mode by executing the
SLEEP instruction when the STBY bit in STBCR is 1. In software standby mode, not only the
CPU but also the clock and on-chip peripheral modules halt. The clock output from the CKIO pin
also halts.
The contents of the CPU and cache registers remain unchanged. Some registers of on-chip
peripheral modules are, however, initialized. Table 10.3 lists the states of on-chip peripheral
modules registers in software standby mode.
Table 10.3
Register States in Software Standby Mode
Module
Registers Initialized
Registers Retaining
Data
Interrupt controller (INTC)
All registers
Clock pulse generator (CPG)
All registers
User break controller (UBC)
All registers
Bus state controller (BSC)
All registers
Ethernet controller (EtherC)
All registers
Direct memory access controller for
Ethernet controller (E-DMAC)
All registers
I/O port
All registers
User debugging interface (H-UDI)
All registers
Serial communication interface with FIFO
(SCIF0 to SCIF2)
All registers
Compare match timer (CMT0 and CMT1)
All registers
Host interface (HIF)
All registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com