Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 255Page - Renesas Technology Corp HD6417618 Datasheet HTML 256Page - Renesas Technology Corp HD6417618 Datasheet HTML 257Page - Renesas Technology Corp HD6417618 Datasheet HTML 258Page - Renesas Technology Corp HD6417618 Datasheet HTML 259Page - Renesas Technology Corp HD6417618 Datasheet HTML 260Page - Renesas Technology Corp HD6417618 Datasheet HTML 261Page - Renesas Technology Corp HD6417618 Datasheet HTML 262Page - Renesas Technology Corp HD6417618 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
IFETH01C_000020030900
Rev. 6.00 Jun. 12, 2007 Page 227 of 610
REJ09B0131-0600
Section 11 Ethernet Controller (EtherC)
This LSI has an on-chip Ethernet controller (EtherC) conforming to the Ethernet or the IEEE802.3
MAC (Media Access Control) layer standard. Connecting a physical-layer LSI (PHY-LSI)
complying with this standard enables the Ethernet controller (EtherC) to perform transmission and
reception of Ethernet/IEEE802.3 frames. This LSI has one MAC layer interface.
The Ethernet controller is connected to the direct memory access controller for Ethernet controller
(E-DMAC) inside this LSI, and carries out high-speed data transfer to and from the memory.
Figure 11.1 shows a configuration of the EtherC.
11.1
Features
• Transmission and reception of Ethernet/IEEE802.3 frames
• Supports 10/100 Mbps receive/transfer
• Supports full-duplex and half-duplex modes
• Conforms to IEEE802.3u standard MII (Media Independent Interface)
• Magic Packet detection and Wake-On-LAN (WOL) signal output
• Conforms to IEEE802.3x flow control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com