Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 148Page - Renesas Technology Corp HD6417618 Datasheet HTML 149Page - Renesas Technology Corp HD6417618 Datasheet HTML 150Page - Renesas Technology Corp HD6417618 Datasheet HTML 151Page - Renesas Technology Corp HD6417618 Datasheet HTML 152Page - Renesas Technology Corp HD6417618 Datasheet HTML 153Page - Renesas Technology Corp HD6417618 Datasheet HTML 154Page - Renesas Technology Corp HD6417618 Datasheet HTML 155Page - Renesas Technology Corp HD6417618 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 120 of 610
REJ09B0131-0600
7.4.3
CSn Space Wait Control Register (CSnWCR) (n = 0, 3, 4, 5B, 6B)
CSnWCR specifies various wait cycles for memory accesses. The bit configuration of this register
varies as shown below according to the memory type (TYPE3, TYPE2, TYPE1, or TYPE0)
specified by the CSn space bus control register (CSnBCR). Specify CSnWCR before accessing the
target area. Specify CSnBCR first, then specify CSnWCR.
Normal Space, Byte-Selection SRAM:
• CS0WCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 13
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12
11
SW1
SW0
0
0
R/W
R/W
Number of Delay Cycles from Address,
CSn Assertion to
RD, WEn (BEn) Assertion
Specify the number of delay cycles from address and
CSn assertion to RD and WEn (BEn) assertion.
00: 0.5 cycles
01: 1.5 cycles
10: 2.5 cycles
11: 3.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com