Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 534Page - Renesas Technology Corp HD6417618 Datasheet HTML 535Page - Renesas Technology Corp HD6417618 Datasheet HTML 536Page - Renesas Technology Corp HD6417618 Datasheet HTML 537Page - Renesas Technology Corp HD6417618 Datasheet HTML 538Page - Renesas Technology Corp HD6417618 Datasheet HTML 539Page - Renesas Technology Corp HD6417618 Datasheet HTML 540Page - Renesas Technology Corp HD6417618 Datasheet HTML 541Page - Renesas Technology Corp HD6417618 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 646 page
background image
Section 19 User Debugging Interface (H-UDI)
Rev. 6.00 Jun. 12, 2007 Page 506 of 610
REJ09B0131-0600
TDO
(when the H-UDI
command is set)
TCK
TDO
(when the JTAG
command is set)
tTDO
tTDO
Figure 19.3 H-UDI Data Transfer Timing
19.4.4
H-UDI Reset
An H-UDI reset is generated by setting the H-UDI reset assert command in SDIR. An H-UDI reset
is of the same kind as a power-on reset. An H-UDI reset is released by inputting the H-UDI reset
negate command. The required time between the H-UDI reset assert command and H-UDI reset
negate command is the same as time for keeping the
RESETP pin low to apply a power-on reset.
H-UDI reset assert
H-UDI reset negate
SDIR
LSI internal reset
CPU state
Branch to H'A0000000
Figure 19.4 H-UDI Reset
19.4.5
H-UDI Interrupt
The H-UDI interrupt function generates an interrupt by setting an H-UDI command in SDIR. An
H-UDI interrupt is an interrupt of general exceptions, resulting in a branch to an address based on
the VBR value plus offset, and with return by the RTE instruction. This interrupt request has a
fixed priority level of 15.
H-UDI interrupts are accepted in sleep mode, but not in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com