Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 497Page - Renesas Technology Corp HD6417618 Datasheet HTML 498Page - Renesas Technology Corp HD6417618 Datasheet HTML 499Page - Renesas Technology Corp HD6417618 Datasheet HTML 500Page - Renesas Technology Corp HD6417618 Datasheet HTML 501Page - Renesas Technology Corp HD6417618 Datasheet HTML 502Page - Renesas Technology Corp HD6417618 Datasheet HTML 503Page - Renesas Technology Corp HD6417618 Datasheet HTML 504Page - Renesas Technology Corp HD6417618 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 646 page
background image
Section 17 I/O Ports
Rev. 6.00 Jun. 12, 2007 Page 469 of 610
REJ09B0131-0600
17.6
Usage Note
1. When pins multiplexed with general I/O is used as output pins for other functions, these pins
work as general output pins for the period of 1
× t
PCYC synchronized with internal power-on
reset by WDT overflow. For example, when the pin PB12/
CS3 works as CS3 and the PB12DR
bit in PBDRL is set to 0, the pin is driven low for the period of 1
× t
PCYC and may cause
memory malfunction. To prevent this, port registers that correspond to pins used for the strobe
output must be set to strobe non-active level. This does not apply to the power-on reset from
the
RES pin.
2. Since the HIFMD pin is not initially set to function as a general port pin, it must be pulled up
or down externally to fix its state.
3. When using a multiplexed pin with a function not selected with its initial value (for example,
using the PB12/
CS3 pin, the initial function of which is PB12, as the CS3 pin), the pin must be
pulled up or down externally at least after a reset until its pin function is selected by software
to fix its state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com