Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 421Page - Renesas Technology Corp HD6417618 Datasheet HTML 422Page - Renesas Technology Corp HD6417618 Datasheet HTML 423Page - Renesas Technology Corp HD6417618 Datasheet HTML 424Page - Renesas Technology Corp HD6417618 Datasheet HTML 425Page - Renesas Technology Corp HD6417618 Datasheet HTML 426Page - Renesas Technology Corp HD6417618 Datasheet HTML 427Page - Renesas Technology Corp HD6417618 Datasheet HTML 428Page - Renesas Technology Corp HD6417618 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 393 of 610
REJ09B0131-0600
15.2
Input/Output Pins
Table 15.1 shows the HIF pin configuration.
Table 15.1
Pin Configuration
Name
Abbreviation
I/O
Description
HIF data pins
HIFD15 to HIFD00
I/O
Address, data, or command input/output to the
HIF
HIF chip select
HIFCS
Input
Chip select input to the HIF
HIF register select
HIFRS
Input
Switching between HIF access types
0: Normal access (other than below)
1: Index register write or status register read
HIF write
HIFWR
Input
Write strobe signal. Low level is input when an
external device writes data to the HIF.
HIF read
HIFRD
Input
Read strobe signal. Low level is input when an
external device reads data from the HIF.
HIF interrupt
HIFINT
Output
Interrupt request to an external device from
the HIF
HIF mode
HIFMD
Input
Selects whether or not this LSI is started up in
HIF boot mode. If a power-on reset is
canceled when high level is input, this LSI is
started up in HIF boot mode.
HIFDMAC transfer
request
HIFDREQ
Output
To an external device, DMAC transfer request
with HIFRAM as the destination
HIF boot ready
HIFRDY
Output
Indicates that the HIF reset is canceled in this
LSI and access from an external device to the
HIF can be accepted.
After 10 clock cycles (max.) of the peripheral
clock following negate of the reset input pin of
this LSI, this pin is asserted.
HIF pin enable
HIFEBL
Input
All HIF pins other than this pin are asserted by
high-level input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com