Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 417Page - Renesas Technology Corp HD6417618 Datasheet HTML 418Page - Renesas Technology Corp HD6417618 Datasheet HTML 419Page - Renesas Technology Corp HD6417618 Datasheet HTML 420Page - Renesas Technology Corp HD6417618 Datasheet HTML 421Page - Renesas Technology Corp HD6417618 Datasheet HTML 422Page - Renesas Technology Corp HD6417618 Datasheet HTML 423Page - Renesas Technology Corp HD6417618 Datasheet HTML 424Page - Renesas Technology Corp HD6417618 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 389 of 610
REJ09B0131-0600
4. Sending a Break Signal
The I/O condition and level of the TxD pin are determined by the SPBIO and SPBDT bits in
the serial port register (SCSPTR). This feature can be used to send a break signal.
Until TE bit is set to 1 (enabling transmission) after initializing, TxD pin does not work.
During the period, mark status is performed by SPBDT bit. Therefore, the SPBIO and SPBDT
bits should be set to 1 (high level output).
To send a break signal during serial transmission, clear the SPBDT bit to 0 (designating low
level), then clear the TE bit to 0 (halting transmission). When the TE bit is cleared to 0, the
transmitter is initialized regardless of the current transmission state, and 0 is output from the
TxD pin.
5. Receive Data Sampling Timing and Receive Margin (Asynchronous Mode)
The SCIF operates on a base clock with a frequency of 16 times the transfer rate. In reception,
the SCIF synchronizes internally with the fall of the start bit, which it samples on the base
clock. Receive data is latched at the rising edge of the eighth base clock pulse. The timing is
shown in figure 14.24.
0 1 2 3 4 5 6 7 8 9 10 1112 1314 15 0 1 2 3 4 5 6 7 8 9 10 1112 1314 15 0 1 2 3 4 5
D0
D1
16 clocks
8 clocks
Base clock
Receive data
(RxD)
Start bit
–7.5 clocks
+7.5 clocks
Synchronization
sampling timing
Data sampling
timing
Figure 14.24 Receive Data Sampling Timing in Asynchronous Mode
The receive margin in asynchronous mode can therefore be expressed as shown in equation 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com