Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Application information
STCMB1
42/59
DocID028958 Rev 4
The HSP and ACP functions in the STCMB1 help to prevent the severe drawbacks of the
capacitive mode operation, while enabling a design that needs to ensure the inductive mode
operation only in the specified operating range, neglecting abnormal operating conditions.
If the phase shift of the tank current approaches zero, which is indicative of the
impending capacitive mode operation, at some point the tank current will cross the zero
current band within the deadtime. Therefore, the ACP circuit will find an anomalous
condition and will extend the deadtime until the tank current changes the sign.
Additionally, the soft-start capacitor is discharged, so that the resulting frequency rise
pushes the operation away from that dangerous condition.
If the phase relationship reverses abruptly (which may happen in case of dead short at
the converter's output), the HSP will find it has the wrong sign and extend the duration
of that conduction cycle until the tank current changes the sign.
The HSP control method helps to avoid hard switching condition at MOSFET’s turning-on,
confirming the ISEN_HB sign is coherent with the driver is going to be turned-on. It checks
the sign of the ISEN_HB before the driver is turned-off. When the ramp of the oscillator
reaches the peak value VCFp, if the sign of the ISEN_HB signal is correct (positive with HS
on and LS off, negative with LS on and HS off), the driver currently active is turned off and
the deadtime starts. Otherwise, if the sign of the ISEN_HB is not correct the HSP acts
resetting the oscillator and letting the driver currently active on until the ISEN_HB sign
becomes correct.
The ACP (anti-capacitive mode protection) works monitoring the sign of the ISEN_HB
voltage signal at the end of the deadtime. If the sign on the ISEN_HB pin has not correct
polarity with respect to the driver is going to be turned-on (positive after LVG turn-off or
negative after HVG turn-off), a capacitive mode (CM) condition is asserted. Hence the
oscillator is reset and the drivers are kept off until the ISEN_HB sign returns to be consistent
with the proper HB operation, preventing the hard switching condition. During CM condition
the CSS capacitor is discharged, in this way increasing frequency as long as CM conditions
end.
The half-bridge current sign definition is resulting from the use of two comparators
monitoring the ISEN_HB signal. The sign of the current is considered positive when the
voltage on that pin exceeds -VISEN_Z, negative when it falls below VISEN_Z
(|VISEN_Z| = 20 mV typ.)
During the start-up, the CSS discharge is disabled as long as the CSS pin voltage reaches
1.85 V to prevent deadlock conditions. For the same reason, the CSS discharge is disabled
for about 50
s after that the HB exits from the idle state of the burst mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com