Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 20Page - STMicroelectronics STCMB1 Datasheet HTML 21Page - STMicroelectronics STCMB1 Datasheet HTML 22Page - STMicroelectronics STCMB1 Datasheet HTML 23Page - STMicroelectronics STCMB1 Datasheet HTML 24Page - STMicroelectronics STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Application information
STCMB1
24/59
DocID028958 Rev 4
7.8
PFC: CTON calculation
Figure 11 shows how the PFC on-time is defined by the PWM comparator, as explained in
Section 7.7: PFC: error amplifier, regulation loop and VFF.
Figure 11. PFC on-time definition
In detail, CTON must be larger than the maximum on-time TON_MAX required to carry the
maximum power demanded by the load of the PFC stage with the minimum specified ac
voltage. The TON_MAX is a known parameter once the power stage has been designed, in
fact:
Equation 11
The maximum programmable on-time is achieved when the output of the error amplifier is
saturated high. This must occur even when the saturation voltage spreads at its minimum
value (VCOMPSAT_MIN = 4.2 V for a consumer temperature range design, 4 V for an
extended temperature range design).
Therefore, since during the on-time (GD_PFC high) the current generator ITON raises the
voltage V(TON) across the capacitor CTON, it is possible to find the minimum CTON value
according to the following relationship:
Equation 12
Since this relationship is referred to the minimum input voltage, the appropriate value of
ITON_MAX must be used: ITON = 200 µA (ITON_MAX = 220 µA) in US, Japan, or wide-range
mains applications, ITON = 800 µA (ITON_MAX = 960 µA) in European mains applications
(these value are reported in Table 4 on page 11).
V A C m i n
2
I L P k
L
=
T
O N
M A X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com