Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
DocID028958 Rev 4
29/59
STCMB1
Application information
59
Figure 14. Block diagram of the HB resonant controller in the STCMB1
A special feature of this IC is that it is able to automatically adjust TD within a range so that
it best fits the transition time of the half-bridge midpoint (adaptive deadtime). This allows the
user to optimize the design of the resonant tank so that soft-switching can be achieved with
a lower level of reactive energy (e.g.: magnetizing current), hence optimizing efficiency
under a broader load range, from full to the light-load.
To perform converter's output voltage regulation the device is able to operate in different
modes, depending on the load conditions:
1.
Variable frequency with 50% duty cycle at the heavy and medium load. A relaxation
oscillator (see Section 7.18: HB: oscillator on page 33 for more details) generates
a sawtooth, which MOSFETs' switching is locked to. The frequency of this waveform is
regulated by:
a)
A current that is modulated by the feedback circuitry (as in DFC systems)
b)
A control of the amount of time elapsing from a zero crossing of the tank current to
the next switching of the half-bridge (timeshift control - TSC)
2.
Burst mode with no or a very light-load. When the load falls below a value, the
converter enters a controlled intermittent operation, where series of a few switching
cycles at a nearly fixed frequency (bursts) are spaced out by idle periods where both
MOSFETs are in off-state. A further load decrease will be translated into shorter bursts
and longer idle periods and then into a reduction of the average switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com