Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Application information
STCMB1
38/59
DocID028958 Rev 4
Figure 21. Improved burst mode waveforms
7.21
HB: adaptive deadtime (ADT)
A deadtime TD is inserted between the turn-off of either switch and the turn-on of the
complementary one, where both switches are in the OFF state. This is essential to achieve
soft-switching: its value has to be larger than the time TT needed for the rail-to-rail swing of
the half-bridge leg midpoint (HB). This duration TT depends on the total parasitic
capacitance of the node HB (CHB) that has to be completely charged or depleted and on
the value of the resonant tank current during the transition.
With good approximation, the tank current during the transition time TT can be considered
constant and equal to the “switched current” IS, e.g.: the value of the tank current as the
transition begins. If CHB denotes the total parasitic capacitance of the half-bridge midpoint (it
includes the Coss of the MOSFETs, the transformer's primary winding parasitic capacitance,
plus other stray contributors), the condition for soft-switching is:
Equation 23
which should be met under all operating conditions. This suggests that TD should be large
enough to always exceed TT, especially with maximum Vin and at no load, where IS is at
a minimum and TT at a maximum. However, fixing a too long deadtime may lead to losing
soft-switching too: in fact, the tank current must not change sign within the deadtime, which
could lead to turn-on either the MOSFET with a non-zero drain-to-source voltage or, even
worse, with the body diode of the other MOSFET conducting (see Section 7.22: HB: hard
switching prevention (HSP) and anti-capacitive mode protection (ACP) on page 41 for more
details). This might occur at the maximum load and minimum Vin, especially when the tank
circuit is designed for a low magnetizing current to optimize light-load efficiency. Additionally,
a too long deadtime might increase conduction losses in the body diodes and significantly
limit the operating frequency of the half-bridge.
A good approach is to automatically adjust TD so that it tracks TT, keeping TD TT under all
operating conditions. This is the objective of the adaptive deadtime function in the STCMB1.
Figure 23 shows the principle schematic and its key waveforms. An edge detector (the |d/dt|
block) senses that the node HB (connected to the OUT pin) is swinging from B+ to ground or
vice versa. The output of the |d/dt| block is high as long as the OUT pin is swinging and, as
D
i n
S
H B
T
T
≤
V
I
C
=
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com