Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 4Page - STMicroelectronics STCMB1 Datasheet HTML 5Page - STMicroelectronics STCMB1 Datasheet HTML 6Page - STMicroelectronics STCMB1 Datasheet HTML 7Page - STMicroelectronics STCMB1 Datasheet HTML 8Page - STMicroelectronics STCMB1 Datasheet HTML 9Page - STMicroelectronics STCMB1 Datasheet HTML 10Page - STMicroelectronics STCMB1 Datasheet HTML 11Page - STMicroelectronics STCMB1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Pin connections and description
STCMB1
8/59
DocID028958 Rev 4
10
STBY
Burst mode operation threshold for the HB. The pin senses some voltage related to the
feedback control, which is compared to an internal reference (1.25 V). If the voltage on the pin
is lower than the reference, the IC stops switching, enters an idle state and its quiescent current
is reduced. The chip restarts switching as the voltage exceeds the reference by
40 mV. Soft-start is not invoked. When the HB is stopped the PFC is stopped as well; while the
HB is switching the PFC stage is enabled and it switches or not depending on the level of the
COMP pin.
Tie the pin to RFMIN if the burst mode operation is not used.
An RC filter is mandatory, with R > 100
 and C > 100 pF. Please note that the time constant of
the RC filter enters in the loop transfer function, when the pin is directly fed by the
phototransistor of the optocoupler.
11
ISEN_PFC
The inductor current is sensed through a resistor RS on the current return side and the resulting
negative voltage is applied to this pin through a limiting resistor.
When the power MOSFET is turned on an internal comparator enables the PWM ramp to start
only when the voltage on the pin is lower than -25 mV (typical value), e.g.: when the inductor
current is slightly positive.
If the voltage on the pin goes below -0.5 V the internal overcurrent comparator is triggered and
terminates the conduction cycle of the external power MOSFET before the normal PWM circuit
does. In this way, the peak inductor current is limited at a maximum of 0.5/RS.
A voltage on this pin higher than -25 mV (typical value) enables both power MOSFET's turn-on
when a cycle is initiated by the demagnetization sensing circuit and when it is initiated by the
internal starter. In this way, the unit stops during the current surges occurring at power up or
after a mains dip or a missing cycle and restarts switching only when the surge is over.
An RC filter is mandatory at the pin, R > 100
 and C > 100 pF. The overall time constant
should give a negligible delay with respect to the typical operating frequencies of the PFC. The
value of the resistor also defines the effect of the THD optimizer (enhanced COT): THD is
usually optimized with a value between 100
 and 300 
12
ISEN_HB
Current sense input for the HB. The pin senses the resonant current through a sense resistor or
a capacitive divider for lossless sensing. If the voltage exceeds a 0.8 V threshold the soft-start
capacitor connected to the CSS pin is internally discharged: the frequency increases hence
limiting the power throughput. Under the output short-circuit, this normally results in a nearly
constant peak primary current. This condition is allowed for a maximum time internally set at 40
ms minimum. If the current keeps on building up despite this frequency increase, a second
comparator referenced to 1.5 V disables switching immediately. In both cases VCC is recycled
before restarting (see the HV pin). As long as the voltage on the CSS pin is lower than 0.3 V,
this second comparator is inhibited.
The pin is used also by the hard switching prevention (HSP) function. Do not short the pin to
ground; this would prevent the device from operating correctly.
An RC filter is recommended to reduce the noise level at the pin, with R > 50
 and C > 100 pF.
The overall time constant should give a negligible delay with respect to the typical operating
frequencies of the LLC.
13
GND
Ground. Current return for signal parts of the IC, the PFC gate driver and the low-side gate
driver of the half-bridge. Keep the PCB trace that goes from this pin to the sources of the PFC
and the low-side MOSFETs separate from the trace that collects the grounding of the bias
components.
14
GD_PFC
PFC gate driver output. The totem pole output stage is able to drive power MOSFETs and
IGBTs. It is capable of a 0.6 A source current and a 0.8 A sink current (minimum values). The
pin is actively pulled to GND during UVLO.
Table 1. Pin description (continued)
Pin
no.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com