Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
DocID028958 Rev 4
41/59
STCMB1
Application information
59
Figure 23. Adaptive deadtime: principle schematic (left) and relevant timing diagrams (right)
Figure 24. Detail of deadtime during low-to-high transition of HB midpoint
Finally, it is worth stating that the adaptive deadtime function does not significantly increase
efficiency by itself. It is a degree of freedom that has to be exploited to this purpose when
designing the resonant tank. Essentially, it allows the use of a higher magnetizing
inductance in the transformer, which minimizes the magnetizing current and, then, the
conduction losses associated to it. Additionally, this may reduce the switched current IS to
the minimum required to achieve soft-switching, thus reducing turn-off switching losses in
MOSFETs. Efficiency at the medium and light-load will maximally benefit from this
optimization.
7.22
HB: hard switching prevention (HSP) and anti-capacitive
mode protection (ACP)
Resonant converters work in the capacitive mode when their switching frequency falls below
a critical value that depends on the loading conditions and the input-to-output voltage ratio.
They are especially prone to run into the capacitive mode when the input voltage is lower
than the minimum specified and/or the output is overloaded or short-circuited. Designing
a converter so that it never works in the capacitive mode, even under abnormal operating
conditions, is definitely possible but this might pose unacceptable design constraints in
some cases (e.g.: a transformer magnetizing current too big to comply with light-load
efficiency targets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com