Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
DocID028958 Rev 4
37/59
STCMB1
Application information
59
7.20
HB: improved burst mode operation at light-load
Despite the optimization of the LLC tank circuit allowed by the adaptive deadtime function
and the anti-capacitive protection function (see Section 7.21: HB: adaptive deadtime
(ADT)), the latest requirements on energy saving are so demanding that a significant
optimization effort is still needed to fulfill them.
To reduce this effort, the STCMB1 device implements a novel concept of the burst mode
operation that significantly increases the amount of energy carried by the converter in each
switching cycle. As a result, the average values of the switching frequency and the residual
magnetizing current are dramatically reduced and light-load efficiency further boosted.
While output power decreases, switching frequency increases up to a programmed level
fmax; the maximum frequency value fmax is reached when the voltage on the STBY pin
equals the internal voltage threshold VL (1.25 V typ.). When VSTBY  VL the STCMB1 enters
in idle state, its quiescent current consumption is reduced and the internal threshold is
shifted up to the restart value VL + Hys ( = 1.25 V + 40 mV).
In detail, the LLC is stopped as STBY goes below VL and restarted as STBY goes above VL
+ HYS. Furthermore, it is practically the master on the PFC whose the last pulse in the
switching packet is naturally stopped by TON = COMP - 1 V, while it is turned on with
a certain delay (10
s typ.) with respect to the first LLC pulse of the switching packet.
The novelty consists in an additional threshold located slightly over VH. When the voltage on
the STBY pin falls below this threshold the oscillator ramp peak value VCFp is increased.
This is clearly noticeable in the left side picture of Figure 21. In this way the average
switching frequency is reduced as long as voltage on the STBY pin remains between VH
and VL, and the converter efficiency is increased.
In other words, it is possible to obtain very short switching packets, but with a significant
energy content: so short that an inherent limit of having the LLC master on the PFC could be
highlighted. In fact, when the PFC is driven by the burst mode of the LLC, its loop is open
and its output voltage is defined by the energy transfer, from the mains to the bulk capacitor,
allowed by the length and the period of the switching packets. To overcome this problem, as
said, the last PFC pulse in the switching packet is reset by its natural mechanism (TON =
COMP - 1 V).
During the HB burst mode, the stop and restart are accurately controlled: the last cycle
before switching stoppage ends with a complete HVG pulse and the first cycle after
restarting is the LVG pulse (with half duration) to minimize the perturbations on the dc
voltage across the resonant capacitor Cr.
If the burst mode is not used connect the STBY pin (#10) to the RFmin (pin #9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com