Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Application information
STCMB1
44/59
DocID028958 Rev 4
Figure 26. Start-up with traditional controllers
A non-zero initial voltage on the resonant capacitor may cause the very first turn-on of the
high-side MOSFET to occur with non-zero drain-to-source voltage while the body diode of
the low-side MOSFET is conducting, thus invoking its reverse recovery. More hard switching
cycles may follow. These events are few but potentially hazardous: they could cause both
MOSFETs destruction, should the resulting dV/dt across the low-side MOSFET exceed its
maximum rating. To understand the origin of transformer flux imbalance it is worth reminding
that normally the half-bridge is driven with the 50% duty cycle. This implies that, under
steady state conditions, the voltage across the resonant capacitor Cr has a dc component
equal to Vin/2.
Figure 27. STCMB1 start-up waveforms
Consequently, the transformer's primary winding is symmetrically driven by a ± Vin/2 square
wave.
At the start-up, however, the voltage across the Cr is often quite different from Vin/2 and it
takes some time for its dc component to reach this value. During this transient, the
transformer is not driven symmetrically in voltage and, then, with the 50% duty cycle there is
a significant V • s imbalance in two consecutive half-cycles. This causes a significant
difference in the up and down slopes of the tank current and, being the duration of the two
half-cycles the same, the current may not reverse in a switching half-cycle, as shown in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com