Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 7Page - STMicroelectronics STCMB1 Datasheet HTML 8Page - STMicroelectronics STCMB1 Datasheet HTML 9Page - STMicroelectronics STCMB1 Datasheet HTML 10Page - STMicroelectronics STCMB1 Datasheet HTML 11Page - STMicroelectronics STCMB1 Datasheet HTML 12Page - STMicroelectronics STCMB1 Datasheet HTML 13Page - STMicroelectronics STCMB1 Datasheet HTML 14Page - STMicroelectronics STCMB1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
DocID028958 Rev 4
11/59
STCMB1
Electrical data
59
6
Electrical data
Tj = -40 °C to +125 °C, VVCC = VVBOOT = 15 V(a), CF = 470 pF; RRFMIN = 22.5 k;
CHVG = CLVG = CGD_PFC = 1 nF, CTON = 470 pF unless otherwise specified.
a. Adjust VVCC above VVCCOn before setting at 15 V.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
IC supply voltage
VVCC
Operating range
After turn-on
10
-
20
V
VVCCOn
Turn-on threshold
(1)Voltage rising
15.5
16.5
17.5
V
VVCCOff
Turn-off threshold
(1)Voltage falling
9
9.5
10
V
Supply current
Iq
Quiescent current after turn-on
VFB = 1 V
-
1.5
2.2
mA
VFB = 2.5 V
-
3
4
Idle during burst mode
Tj = 25 °C
-0.7
0.94
IC latched off
-
-
1.2
ICC
Operating supply current
at fsw = 75 kHz
VFB = 1 V, GD_PFC only
-
2.8
3.6
mA
VFB = 2.5 V, all drivers
-
4.5
6
High voltage start-up generator
VHV
Breakdown voltage
IHV < 100 µA
800
-
-
V
VHVstart
Start voltage (rising)
(1)IVCC < 100 µA
10
18
25
V
VVCC_SO
VCC switchover threshold
-
1
1.5
2
V
IHV, ON
ON-state charge current
VHV > VHVstart, VVCC < VVCC_SO
0.5
1
1.6
mA
VHV > VHVstart, VVCC > VVCC_SO
58
11
IC latched off or restart after
overload timeout
3.5
4.5
5.5
IHV, OFF
Off-state leakage current
VHV = 400 V
-
20
24
µA
TTOUT
Generator shutdown timeout
After VVCC exceeds VVCCOn
64
80
96
ms
IC debug functions
VZCD_D
PFC disable threshold
At turn-on, voltage rising
-
2.4
-
V
VISEN_HB_D HB disable threshold
At turn-on, voltage rising
-
2.4
-
V
X-capacitor discharge function
VHVmin
Peak residual voltage
IHV, DIS > 4.2 mA
-
-
45
V
IHV, DIS
Discharge current
VHV > 45 V
4.2
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com