Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Application information
STCMB1
46/59
DocID028958 Rev 4
Differently, the proposed circuit shown in Figure 28b operates as a capacitive current
divider; Cs will be typically selected equal to Cr/100 or less and will be a low-loss type, and
the sense resistor Rs will be selected as:
Equation 29
With this solution the associated power dissipation will be reduced by a factor (1 + Cr / Cs).
This circuit is then recommended when the efficiency target is very high.
For proper operation of the LLC, the STCMB1 must sense the instantaneous tank
current for the proper operation of the hard switching prevention function. As shown
in Figure 25, an RC filter close to the ISEN_HB pin is recommended to reduce the
noise level on the pin, but the delay it introduces has to be negligible with respect to
the operating frequency of the LLC. As a rule of the thumb, the following can be
considered: time constant R • C should be no more than few hundred ns (400 ns)
when the LLC frequency is about 100 kHz.
Because the RC filter on the pin introduces a phase delay of the signal on the ISEN_HB pin
with respect to the current flowing in the resonant tank, it might happen that the anti-
capacitive mode protection do not reveal the incorrect situation because the protection does
not see the real phase among the voltage and current in the resonant tank. Therefore, with
longer time constants it is recommended that the converter operation close to the capacitive
mode boundary and during the short-circuit should be checked for possible hard switching
cycles.
The ISEN_HB pin, which is able to withstand also negative voltages, is internally connected
to the input of a first comparator, referenced to the VISENx (first level protection threshold for
frequency-shift, set at 0.8 V typ.), and to that of a second comparator referenced to the
VISENdis (second level protection threshold for immediate stop, set to 1.5 V typ.).
7.24.1
First OCP protection
If the voltage at the ISEN_HB pin exceeds the VISEN_HB_x (frequency shift threshold)
referenced at 0.8 V (typ.), a comparator is tripped causing the activation of the CSS
discharging the internal switch for 5 µs (OCP1 event). The discharge of the soft-start
capacitor quickly increases the oscillator frequency, limiting the energy transfer to the output
and reducing the peak resonant current. After the discharge time (5
s), if the overload is
still there, the switching frequency will decrease again and the resonant current will
increase. If the ISEN_HB pin voltage reaches the VISEN_HB_x again the operation described
above will be repeated. Under the overload condition, this operation results in a peak
primary current that periodically oscillates around the maximum value allowed by the sense
resistor on the ISEN_HB pin, the RS, above calculated in Equation 29.
This overcurrent protection is effective in limiting the primary-to-secondary energy flow in
case of overload. In spite of this, the output current through the secondary winding and
rectifiers under these conditions might be high enough to jeopardize converter's safety if
continuously flowing.
In order to prevent the converter damaging, the operation during the overload described
above will have limited duration; afterward the converter will have to be forced to work
intermittently, which brings the average output current to values such that the thermal stress
of the transformer and the rectifier is within safe limits.
RS
0.76V
IRES pk
---------------------
1
Cr
Cs
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com