Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 22Page - STMicroelectronics STCMB1 Datasheet HTML 23Page - STMicroelectronics STCMB1 Datasheet HTML 24Page - STMicroelectronics STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Application information
STCMB1
26/59
DocID028958 Rev 4
The PFC OCP is integrated on the ISEN_PFC pin too: it is equipped with an OCP
comparator, stopping the MOSFET conduction time in case the current reaches the
threshold VISEN_PFC (-0.5 V typ.), realizing a pulse-by-pulse current limiting.
Calculation of the sensing resistor can be done according to the following procedure:
1.
Calculate the maximum peak current in the PFC inductor/MOSFET/diode:
Equation 13
2.
Calculate the maximum sense resistor value:
Equation 14
3.
Select the commercial value Rs, next to Rsx.
4.
Calculate the ILrms current:
Equation 15
5.
Calculate the sensing resistor(s) power dissipation:
Equation 16
7.11
PFC: zero-current detector
The PFC embedded in the STCMB1 uses the ZCD pin as the boost inductor's
demagnetization sensing input. A negative-going edge triggers the PFC MOSFET's turn-on.
The pin is provided with two clamps to protect the pin from voltage above its rating, so it can
be connected to an auxiliary winding of the boost inductor through a resistor. A series
limiting resistor has to be provided to limit the current injected in the pin voltage clamps. The
demagnetization can also be sensed via an RC series connected to the MOSFET.
For debug purposes it is possible disable the PFC stage by pulling this pin over 2.4 V at the
start-up, thus allowing the half-bridge section to work standalone.
7.12
Starter
Because any transition mode PFC is basically a self-oscillating converter, using a self-
generated signal for the MOSFET to turn-on, a starter signal is necessary to start the
operation at power-on or restart the operation after an idle state, when the ZCD signal is not
present.
The STCMB1 device is provided with an internal starter having a 10
s period and working
at wake-up, at the burst mode restart, after OVP or inrush current protection intervention.
max
_
_
min
_
_
max
_
_
c
ON
pk
in
Lth
pk
L
T
L
V
I
I
max
_
_
min
_
_
pk
L
PFC
ISEN
I
V
Rs
Lvy
pk
L
Lrms
I
I
I
max
_
_
6
1
PRs ILrms
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com