Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 5Page - STMicroelectronics STCMB1 Datasheet HTML 6Page - STMicroelectronics STCMB1 Datasheet HTML 7Page - STMicroelectronics STCMB1 Datasheet HTML 8Page - STMicroelectronics STCMB1 Datasheet HTML 9Page - STMicroelectronics STCMB1 Datasheet HTML 10Page - STMicroelectronics STCMB1 Datasheet HTML 11Page - STMicroelectronics STCMB1 Datasheet HTML 12Page - STMicroelectronics STCMB1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
DocID028958 Rev 4
9/59
STCMB1
Pin connections and description
59
15
VCC
Supply voltage of the signal part of the IC. An electrolytic capacitor of at least 22 µF (typ. value)
must be connected between the pin and GND. Sometimes a small bypass capacitor (0.1 µF
typ.) in parallel to the ELCAP might be useful to get a clean bias voltage for the signal part of
the IC.
16
LVG
Low-side gate drive output. The driver is capable of a 0.3 A source and a 0.8 A sink peak
current (minimum values) to drive the lower MOSFET of the half-bridge leg. The pin is actively
pulled to GND during UVLO.
18
OUT
High-side gate drive floating ground. Current return for the high-side gate drive current. Layout
carefully the connection of this pin to avoid too large spikes below ground.
19
HVG
High-side gate drive output. The driver is capable of a 0.3 A source and a 0.8 A sink peak
current (minimum values) to drive the upper MOSFET of the half-bridge leg. A resistor internally
connected to OUT ensures that the pin is not floating during UVLO.
20
BOOT
High-side gate drive floating supply voltage. The bootstrap capacitor connected between this
pin and OUT is fed by an internal synchronous bootstrap diode driven in phase with the low-
side gate drive. This patented structure replaces the normally used external diode.
Table 1. Pin description (continued)
Pin
no.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com