Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 14Page - STMicroelectronics STCMB1 Datasheet HTML 15Page - STMicroelectronics STCMB1 Datasheet HTML 16Page - STMicroelectronics STCMB1 Datasheet HTML 17Page - STMicroelectronics STCMB1 Datasheet HTML 18Page - STMicroelectronics STCMB1 Datasheet HTML 19Page - STMicroelectronics STCMB1 Datasheet HTML 20Page - STMicroelectronics STCMB1 Datasheet HTML 21Page - STMicroelectronics STCMB1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Application information
STCMB1
18/59
DocID028958 Rev 4
7.4
VCC pin
This pin is the supply voltage of the IC. An electrolytic capacitor of at least 22 µF (typ. value)
must be connected between the pin and GND in order to sustain the voltage during the
start-up phase and supply the IC, before the self-supply circuitry from the half-bridge
transformer deliver enough voltage. Place also a ceramic capacitor (0.1 µF typ.) in parallel
to the electrolytic capacitor to bypass the high frequency noise to GND and supply the
STCMB1 device with a proper clean voltage.
The VCC voltage is used also to supply the MOSFET gate drivers, not having a dedicated
clamping, supplying the STCMB1 from the auxiliary (self-supply) winding from the resonant
transformer may need a small BJT voltage regulator to keep the supply voltage regulated
and avoid the aging of the gate oxide due to an excessive VCC, or limit transients that could
damage the IC as in case of dead shorts.
A typical VCC operating voltage is 12 - 13 V.
7.5
PFC section
The STCMB1 device implements a transition mode (TM) PFC section that uses a
proprietary “Constant On-Time” (COT) control methodology termed “Enhanced Constant
On-Time” (ECOT). Like the COT, this control mode does not require a sinusoidal input
reference, thereby reducing the system cost and external component count, while providing
a distortion of the input current at the same level as current mode control.
It includes also a complete set of protections: the cycle-by-cycle overcurrent (OCP), output
overvoltage (OVP), feedback failure (FFP), boost inductor saturation and inrush current
detection both at the start-up and after mains sags or missing cycles.
The output voltage (Vout) is controlled by mean of a transconductance error amplifier and
an accurate internal voltage reference; “Zero Current Detection” (ZCD) by sensing the
voltage on the auxiliary winding on the PFC inductor enables the TM operation.
The current sense on the return path allows continuous monitoring of the inductor current.
THD optimization is implemented too.
A “two-level” line voltage feedforward function helps to reduce the changes in the system
gain due to changes in input voltage.
7.6
PFC: enhanced constant on-time control with THD optimizer
TM-operated PFCs are characterized by good efficiency even if the large input current ripple
requires bigger EMI filters.
The COT is a common control technique where the turn-on of the power transistor in each
cycle is commanded when the current through the boost inductor falls to zero and the turn-
off is commanded when the duration of the on-time has reached the value programmed by
the control loop. It is well-known that if this on-time is constant or even slowly varying during
each line cycle, the converter draws an ideally sinusoidal current from the line.
The combination of the TM operation and COT control is a very popular solution used in
several PFC controllers for output power up to 300 W. The block diagram and key
waveforms of the traditional approach are shown in Figure 7 and Figure 8 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com