Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Application information
STCMB1
36/59
DocID028958 Rev 4
During this frequency sweep phase the operating frequency will decay following the
exponential charge of the CSS: then, it initially changes relatively quickly but the rate of the
change gets slower and slower. This counteracts the non-linear frequency dependence of
the tank circuit that makes the converter's input impedance change little as frequency is
away from resonance, and the change very quickly as frequency approaches resonance
frequency (see Figure 20, right).
Figure 20. Soft-start circuit (left) and input impedance vs. frequency curve in an LLC resonant
half-bridge (right)
As a result, the dc input current will smoothly increase, without peaks that might occur
because of the resonant tank transfer function, and the output voltage will reach the
regulated value with almost no overshoot.
Typically, the RSS and CSS will be selected based on the following relationships:
Equation 22
where fstart is recommended to be at least 4 times fmin. These criteria are quite empirical and
a workaround checking the waveforms and fine tuning of the RSS and CSS values might be
required.
It is recommended that the resonant current has no severe overshoots that might trigger the
OCP1 threshold (ISEN_HB
 0.8 V) in the first half bridge pulses, because the proper
charge of the CSS would be negatively prevented.
Please note also that an internal switch will discharge the CSS capacitor every time the chip
turns off (VCC < UVLO, FB < 1.75 V, ISEN_HB > 1.5 V) to make sure it will be soft-started at
the following restart. Additionally, the switch is activated when the voltage on the current
sense pin (ISEN) exceeds 0.8 V or when the converter is working in the capacitive mode
operation.
As long as the voltage on the pin is lower than 0.3 V, the burst mode operation and second
level OCP protection are inhibited.
SS
SS
start
SS
R
C
f
f
RF
R
3
min
min
10
3
;
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com