Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 12Page - STMicroelectronics STCMB1 Datasheet HTML 13Page - STMicroelectronics STCMB1 Datasheet HTML 14Page - STMicroelectronics STCMB1 Datasheet HTML 15Page - STMicroelectronics STCMB1 Datasheet HTML 16Page - STMicroelectronics STCMB1 Datasheet HTML 17Page - STMicroelectronics STCMB1 Datasheet HTML 18Page - STMicroelectronics STCMB1 Datasheet HTML 19Page - STMicroelectronics STCMB1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
Application information
STCMB1
16/59
DocID028958 Rev 4
7.2
X-cap discharge
The compliance of consumer equipment with the safety regulation such as IEC 61010-1,
IEC 62368-1, and others, requires that, when the converter mains connector is removed
from the plug, the EMI filter capacitors connected across the line between the phase and the
neutral wires (the so called X-caps) have to be discharged bringing their voltage at a safe
level to avoid the user any risk of the electrical shock due to the energy stored in the
capacitors. This requirement is mandatory in case the total capacitance before the input
bridge exceeds 100 nF.
Figure 5. X-cap discharge operation
Typically this function is performed by means of a resistor in parallel but this method cannot
be applied in case the converter requires very low power consumption during the light-load
or no load operation, because the losses of the X-cap discharging resistor would be too
high.
To overcome this issue, enabling the user to design a high performance power supply the
STCMB1 device does this operation by means of the HV start-up system, allowing the
removal of the traditional X-cap discharge resistor. The STCMB1 internal circuits detect the
ac mains plug disconnection by sensing the voltage on the HV pin. After a detection time of
64 ms typical from the mains disconnection, the X-cap discharge operation is triggered and
the HV start-up system is turned on: a discharge current (4.2 mA minimum) is drawn from
the HV pin ensuring the X-cap discharge until the voltage on the HV pin falls below a safe
level (45 V maximum), within the regulation maximum discharging time. The current from
the HV pin will flow out from the VCC pin, to keep the IC correctly supplied until the end of
the discharge. An internal 15 V clamp is activated to limit the voltage on the VCC pin by
sinking the discharge current in excess of the IC consumption.
None additional component is needed by this function, totally embedded in the STCMB1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com