Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
DocID028958 Rev 4
39/59
STCMB1
Application information
59
the transition is completed, the output goes low. A monostable circuit, sensitive to negative-
going edges, releases a pulse that marks the end of the deadtime.
The derivative of HB voltage needed for the ADT function is implemented sensing the signal
current flowing through both the intrinsic Cgd capacitor of the external power MOS and the
LVG pin.
The signal current (isource/sink) is proportional to the derivative of HB voltage and Cgd value:
Equation 24
In order to ensure the right behavior of the ADT function, this current signal has to fulfill the
following:
Equation 25
isource/sink > Sdiff (SdiffMAX 4 mA)
where Sdiff is the minimum current signal which can be detected by the edge detector.
Cgd is a function of drain-source voltage of the LVG power MOS and the HB voltage slope is
not constant but it depends on the value of the current flowing in the resonant tank.
Therefore, in view of obtain reliable derivative detection, the following relationship has to be
fulfilled at least at the end of HB transition:
Equation 26
The adaptive dead time generator gives a minimum dead time of 220 ns (max.) and a
maximum dead time of 700 ns (min.), depending on the slope of the half bridge node. The
actual minimum observable dead time is about 120 ns, defined and limited by the internal
propagation delay. If, for some reason, the end of the half bridge transition were not
detected, then the dead time would last indefinitely.
To avoid this stall condition, a timeout of about 1
s on the dead time is applied: unless the
anti-capacitive protection mechanism is active (dead time made longer to let the current to
take the right sign), the turn-on of the MOSFET is forced at about 1
s from the turn-off of
the other.
According to Equation 26, a MOSFET with the small Crss and small switched tank current
could induce the unwanted generation of a minimum dead time to which a hard switch event
could be associated (MOSFET turns on before the end of the half bridge transition, but no
cross conduction). In these cases, a ceramic capacitor, up to 10 pF, between the drain of the
low side MOSFET and the LVG pin can solve this adaptive dead time generation issue. A
resistor, up to some k
, in series with the added capacitor and a Schottky diode, for
instance the BAV21, between the LVG and GND, will made the solution more robust. The
ceramic capacitor has to be high voltage rating. Figure 22 shows the proposed solution.
d t
d V
C
=
i=
i
H B
g d
C g d
k
s o u r c e / s i n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com