Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 21Page - STMicroelectronics STCMB1 Datasheet HTML 22Page - STMicroelectronics STCMB1 Datasheet HTML 23Page - STMicroelectronics STCMB1 Datasheet HTML 24Page - STMicroelectronics STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
DocID028958 Rev 4
25/59
STCMB1
Application information
59
7.9
PFC: light-load operation
In case of the light-load operation the PFC can work in the burst mode in two ways:
1.
If the output of the error amplifier decreases to 1 V an internal comparator stops the
switching activity, independently by the HB stage. This burst mode is intended to be
used in case of the light-load operation at high mains, in case the burst mode of the HB
resonant stage is not used or has a threshold set at the very low load.
2.
If the HB resonant stage detects a light-load and begins working in the burst mode will
force the PFC working synchronized in the burst mode too. In detail, when the LLC
enters in the idle state of the burst mode, the last PFC pulse is reset, in its natural way,
by TON reaching COMP - 1 V. Conversely, when the LLC restarts switching, at the end
of the idle state, the first PFC pulse is delayed of about 10
s with respect to the first
LLC pulse. Further details in Section 7.20: HB: improved burst mode operation at light-
load on page 37.
Note that the connection of an oscilloscope probes to the COMP pin, when the PFC is in the
deep burst mode, could modify the proper operation of the PFC.
7.10
PFC: inductor current sensing on ground return and PFC
OCP
Figure 12. PFC current sensing on ground
The STCMB1 implements the PFC current sensing on the ground return path, by means of
the ISEN_PFC pin. In this way the signal fed into that pin has the information of the current
level during the entire switching period, differently from other systems monitoring the current
during the PFC MOSFET on-time only.
Monitoring the current during the whole switching period allows safe handling of inductor
saturation conditions: an internal comparator enables the MOSFET to be turned on only if
the inductor has completed its demagnetization, not before. This mechanism prevents the
MOSFET from turning on with incomplete inductor demagnetization, for example following
a mains dip or during an inrush current charging the bulk capacitor. Both these situations
might result in very dangerous condition for the MOSFET because of the very low
impedance of a saturated coil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com