Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 19Page - STMicroelectronics STCMB1 Datasheet HTML 20Page - STMicroelectronics STCMB1 Datasheet HTML 21Page - STMicroelectronics STCMB1 Datasheet HTML 22Page - STMicroelectronics STCMB1 Datasheet HTML 23Page - STMicroelectronics STCMB1 Datasheet HTML 24Page - STMicroelectronics STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
DocID028958 Rev 4
23/59
STCMB1
Application information
59
7.7
PFC: error amplifier, regulation loop and VFF
The STCMB1 regulation loop keeps the output voltage regulated by means of a
transconductance amplifier having an internal 2.5 V reference and a typical gain bandwidth
product of 1 MHz. Its inverting input (FB, pin #3) has to be connected to the PFC bulk
capacitor via a resistor divider. Since the voltage on this pin is proportional to the PFC
output voltage, some other monitoring circuitries are connected to this pin. Because of its
high impedance, the FB pin has to be filtered locally by a ceramic capacitor to get a clean
and stable voltage. Typical filtering capacitor values are in the range from some nF up to few
ten nF.
The error amplifier output (COMP, pin #4), offset by -1 V, is then compared with the Ton
ramp signal by the PWM comparator. Thus, the PWM comparator stops the on-time when
VTON = VCOMP - 1 V. The error amplifier output can swing from 1 V (burst mode threshold)
up to 4.5 V (upper value).
The on-time generator delivers a constant current charging an external capacitor connected
to the Ton pin (#5) used to determine the MOSFET on-time each cycle.
To keep the maximum output power deliverable by the PFC almost constant with respect to
the ac input voltage, a two-level, discrete voltage feedforward (VFF) is integrated in the
STCMB1. The ac input voltage is monitored via the HV pin (#1) and the signal is fed into
a peak detector. This information is used to properly set the value of the current ITON
sourced by the TON pin during the normal operation to determine the on-time of the power
switch. The threshold aimed to select the proper value of the current ITON is set between
145 and 160 Vac_rms. The proper operation of the PFC, with the right ITON current, is
guaranteed below 145 Vac_rms and above 160 Vac_rms.
Whereas mains voltage rises are detected immediately, mains voltage drops are detected
after a latency of 16 ms.
Because of this latency, particular attention in the design of the application must be paid to
account for line transients that span across the mains ranges. To avoid that the half-bridge
shuts down due to the dc brown-out function being triggered (see Section 7.16: Dc brown-
out function (HB enable and disable) on page 30), the following relationship has to be
fulfilled:
Equation 10
where:
a)
Cbulk is the output capacitor of the PFC stage.
b)
VOUT is the maximum allowed output voltage drop (the difference between the
regulated output voltage VREG and the dc brown-out threshold
(280 V if VREG = 400 V).
c)
ILOAD = POUT/VREG is the output current delivered by the PFC stage and provided
to the downstream half-bridge.
m s
1 6
>
I
Δ V
C
L O A D
O U T
b u l k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com