Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 11Page - STMicroelectronics STCMB1 Datasheet HTML 12Page - STMicroelectronics STCMB1 Datasheet HTML 13Page - STMicroelectronics STCMB1 Datasheet HTML 14Page - STMicroelectronics STCMB1 Datasheet HTML 15Page - STMicroelectronics STCMB1 Datasheet HTML 16Page - STMicroelectronics STCMB1 Datasheet HTML 17Page - STMicroelectronics STCMB1 Datasheet HTML 18Page - STMicroelectronics STCMB1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
DocID028958 Rev 4
15/59
STCMB1
Application information
59
7
Application information
7.1
HV start-up
The STCMB1 is equipped with internal HV start-up circuitry dedicated to supply the IC
during the initial start-up phase, before the self-supply winding is operating. An external
electrolytic capacitor connected to the VCC pin is charged by the HV start-up circuitry,
connected to the HV pin.
As soon as the voltage on the HV pin is higher than VHVstart (18 V typ.), the HV start-up
system turns on and the external VCC capacitor is charged up to the turn-on threshold
(VCCOn, 16.5 V typ.), then to guarantee a reliable start-up of the STCMB1, the HV start-up
system is turned off only after the half-bridge section starts up. In case of a fault that
prevents the half-bridge section from starting up, the HV start-up system is automatically
shut down after a timeout TTOUT = 80 ms.
Figure 4. System wakeup waveforms
If for any reason the self-supply circuitry cannot power the STCMB1 the HV start-up will be
reactivated once the VCC reaches the turn-off threshold (VVCCOff, 9.5 V typ.).
The HV start-up system performs an R-C charge of the VCC pin. A double time constant
depending on the voltage value on the VCC pin is implemented to prevent damaging in case
of shorts to GND of the VCC circuitry.
The HV startup generator is activated also after detection of the PFC feedback failure, ac
brown-out or X-cap discharge condition. Different values of the charging current (IHV,ON)
are supplied to the VCC pin according to the state, see Table 4: Electrical characteristics on
page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com