Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics STCMB1 Datasheet HTML 51Page - STMicroelectronics STCMB1 Datasheet HTML 52Page - STMicroelectronics STCMB1 Datasheet HTML 53Page - STMicroelectronics STCMB1 Datasheet HTML 54Page - STMicroelectronics STCMB1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
DocID028958 Rev 4
51/59
STCMB1
Debug modes
59
8
Debug modes
For debugging purposes the STCMB1 has the possibility to disable one stage a time.
At power-on, when the VCC voltage reaches the turn-on threshold, the internal logic checks
the level of some signals at the pin, and can disable the PFC or the HB stage as detailed
here following:
If the device is turned on with the voltage on the pin ZCD > 2.4 V, the PFC section is
disabled so that the HB resonant stage can work standalone.
In this debug mode the STCMB1 must be supplied by a dc voltage connected to the
PFC bulk cap and by an external VCC > VVCCOn, because the HV start-up is disabled.
After the start-up, if the self-supply circuitry is working properly, the resonant stage can
work self-supplied and the external VCC can be removed.
The dc brown-out function is disabled; therefore the resonant stage can work also with
an input voltage much lower than the nominal PFC output. In this case any of the HB
stage protections could work because of the abnormal condition.
If the device is turned on with the voltage on the pin HISEN_HB > 2.4 V, the HB
resonant section is disabled so that the PFC resonant stage can work standalone.
The HV start-up in this case can work charging the VCC capacitor but an external VCC
voltage from a dc supply is necessary for powering the STCMB1 after the start-up
phase. All other protections like the brown-in, brown-out, OCP, Dynamic OVP, FFP are
enabled.
9
STCMB1 layout hints
The layout of any converter is a very important phase in the design process needing the
required attention by the engineers. Even if it the layout phase looks sometimes time
consuming, a good layout surely saves time during the functional debugging and the
qualification phases and increases the robustness against the susceptibility tests.
Additionally, a power supply circuit with a correct layout needs smaller EMI filters or
less filter stages, so it will allow a consistent saving of the BOM cost.
The STCMB1 does not need to follow any special layout instruction, just following the
general layout rules for any power converter have to be applied wisely, especially for the
ground connections. The main, basic hints are indicated here following; they can be
implemented even if a single side PCB is used.
1.
Keep power RTN separated by the signal RTN. Connect the return pins of the
component carrying the high current switched at high frequency such as the PFC
sense resistor, PFC MOSFET source, resonant capacitor, LLC low-side MOSFET
source as close as possible and converging on the latter. This point will be the RTN star
point. In case the half-bridge is far away from the PFC output bulk capacitor, this last
can be split in two capacitors located near the two stages, one capacitor close to the
PFC power section, the second one should be positioned close to the half-bridge
MOSFETs. This placement minimizes the differential mode noise produced by both
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com