Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 9Page - STMicroelectronics STCMB1 Datasheet HTML 10Page - STMicroelectronics STCMB1 Datasheet HTML 11Page - STMicroelectronics STCMB1 Datasheet HTML 12Page - STMicroelectronics STCMB1 Datasheet HTML 13Page - STMicroelectronics STCMB1 Datasheet HTML 14Page - STMicroelectronics STCMB1 Datasheet HTML 15Page - STMicroelectronics STCMB1 Datasheet HTML 16Page - STMicroelectronics STCMB1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
DocID028958 Rev 4
13/59
STCMB1
Electrical data
59
PFC - feedback failure protection (FFP)
VFB_D
Disable threshold
(1)Voltage falling
0.42
0.46
0.5
V
TDB
FFP debounce time
-
40
50
65
µs
PFC - current sensing comparators
IISEN_PFC
Input bias current
VISEN_PFC = -0.5 V
-
-
4.8
µA
VISEN_PFC
OCP threshold
(1)VCOMP = upper clamp
-0.46
-0.5
-0.54
V
td(H-L)
Delay to output
-
-
220
280
ns
VISEN_PFC_Z
ZCD anticipation level and THD
optimizer threshold
--
-25
-
mV
PFC - internal start-up timer
tSTART_DEL
Start-up delay
After VISEN_PFC > VISEN_PFC_Z
810
13
µs
PFC - GATE DRIVER
VOL
Output low voltage
Isink = 100 mA
-
0.4
0.7
V
VOH
Output high voltage
Isource = 5 mA
14.7
14.9
-
V
tf
Voltage fall time
From 15 to 1.5 V
-
30
70
ns
tr
Voltage rise time
From 0 to 10 V
-
60
110
ns
UVLO saturation
VVCC = 0 to VVCCon, Isink = 1 mA
-
-
1.1
V
HB - high-side floating gate drive supply
RDS(on)
Synchronous bootstrap diode on-
resistance
VLVG = HIGH
-
230
-

HB - input voltage sensing (dc brown-out)
VFB_E
Enable voltage
(1)Voltage rising
2.34
2.4
2.49
V
VFB_D
Disable voltage
(1)Voltage falling
1.7
1.75
1.8
V
HB - oscillator
VCFp
Ramp peak
(1)VSTBY > 1.34 V
1.44
1.5
1.56
V
(1)VSTBY < 1.26 V
1.775
1.85 1.925
VCFv
Ramp valley
-
0
-
20
mV
VRFMIN
Voltage reference
(1)
1.93
2
2.08
V
(1)IRFMIN = -2 mA
1.93
2
2.08
D
Output duty cycle (HVG and
LVG)(2)
VSTBY = 2 V
RRFMIN = 5.15 k
49
50
51
%
TSH
Time-shift
RRFMIN = 22.5 k
8.5
9
9.5
µs
RRFMIN = 5.15 k
2.1
2.25
2.4
fHB
Max. operating frequency
-
500
-
-
kHz
KM
Mirroring ratio ICF / IRFMIN
-0.97
1
1.03
-
RRFMIN
Timing resistor range
-
1
-
100
k
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com