Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
DocID028958 Rev 4
35/59
STCMB1
Application information
59
In spite of the time-shift control, the calculation of the oscillator components can be easily
done taking into account the limits of the operating frequency range of the converter, used
for the resonant converter calculation. Therefore, after fixing CF in the hundred pF or in the
nF range (consistent with the maximum source capability of the RFmin pin and trading this
off against the total consumption of the device), the value of RFmin and RFmax will be
selected so that the oscillator frequency is able to cover the entire range needed for
regulation, from the minimum value fmin (at minimum input voltage and maximum load) to
the maximum value fmax (at maximum input voltage and minimum load):
Equation 19
VCEsat is the saturation voltage of the phototransistor.
The above RFmax formula has to be considered for calculation in case the resonant stage
does not need working in the burst mode, in that case the STBY pin (#10) will have to be
connected to the RFmin (pin #9).
If the burst mode has to be implemented Equation 20 has to be used.
Equation 20
7.19
HB: Soft-start
The soft-start function is simply realized by the addition of an R-C series circuit from the pin
9 (RFmin) to ground (see Figure 20, left). The middle point of the RC is also connected to
the pin 8 (CSS).
Initially, the capacitor CSS is totally discharged, so that the series resistor RSS is effectively
in parallel to RFmin and the resulting initial frequency is determined by RSS and RFmin only,
since the optocoupler's phototransistor is cut off (as long as the output voltage is not too far
away from the regulated value):
Equation 21
The CSS capacitor is progressively charged until its voltage reaches the reference voltage
(2 V) and, consequently, the current through the RSS goes to zero. This conventionally takes
5 times constants RSS · CSS however, the soft-start phase really ends when the output
voltage has got close to the regulated value and the feedback loop taken over, so that the
operating frequency is essentially determined by the current sunk by the optocoupler's
phototransistor.
Rfmin
2V
3VCF f
---------------------
min
=
Rfmax
2V VCEsat
–
3VCF 2fmax fmin
–

----------------------------------------------------------
=
RfmaxBM
1V
4V CF 2fmax fmin
–


------------------------------------------------------------
=

SS
start
R
RF
CF
f
//
3
1
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com