Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 6Page - STMicroelectronics STCMB1 Datasheet HTML 7Page - STMicroelectronics STCMB1 Datasheet HTML 8Page - STMicroelectronics STCMB1 Datasheet HTML 9Page - STMicroelectronics STCMB1 Datasheet HTML 10Page - STMicroelectronics STCMB1 Datasheet HTML 11Page - STMicroelectronics STCMB1 Datasheet HTML 12Page - STMicroelectronics STCMB1 Datasheet HTML 13Page - STMicroelectronics STCMB1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Electrical ratings
STCMB1
10/59
DocID028958 Rev 4
4
Electrical ratings
5
Thermal data
Table 2. Absolute maximum ratings
Symbol
Pin no.
Parameter
Value
Unit
VHV
1
Voltage range (referred to GND)
-1 to 800
V
-
3, 5, 7, 8, 9, 10 Analog inputs and outputs voltage range
-0.3 to 3.6
V
-
4, 6
Analog inputs and outputs voltage range
-0.3 to 5.5
V
IZCD
6
Zero current detector input max. current
3
mA
IRFMIN
9
Maximum source current
2
mA
VISEN_PFC
11
Current sensing inputs voltage range
-3 to 3.6
V
VISEN_HB
12
Current sensing inputs voltage range
-3 to 5.5
V
VGD_PFC, VLVG
14, 16
Ground-referenced gate drivers
-0.3 to VVCC
V
VVCC
15
IC supply voltage
-0.3 to 21
V
VOUT
18
Floating ground voltage
-3 up to a value included in the
range VBOOT -21 and VBOOT
V
dVOUT /dt
18
Floating ground max. slew rate
50
V/ns
VHVG
19
High-side (floating) gate driver
VOUT - 0.3 to VVBOOT + 0.3
V
VBOOT
20
Floating supply voltage (referred to GND)
-1 to 620
V
ESD HBM
18,19
According to ANSI/ESDA/JEDEC
JS-001-2014
± 900
V
1, 3 to 16, 20
± 2000
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Max. thermal resistance, junction to ambient
90
°C/W
Ptot
Power dissipation at Tamb = 70 °C
0.6
W
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com