Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics STCMB1 Datasheet HTML 51Page - STMicroelectronics STCMB1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
Application information
STCMB1
48/59
DocID028958 Rev 4
1.
As the overload is applied (1, in the left picture), the OCP1 is triggered: the output
power is limited by the periodic discharge of the soft-start capacitor and the internal
counting system starts.
2.
In about 50 ms, the modulo 20 K counter reaches its EoC, triggering the soft-start
procedure (2, in the left picture): the CSS is completely discharged and the LLC
stopped after 128 cycles and VCC is naturally discharged.
3.
The STCMB1 remains in the OFF state until VCC drops to VCCoff: here, the HV start-
up generator is activated and charges VCC. As VCCon is reached, the STCMB1 will
restart operations via a soft-start procedure (CSS has been previously discharged).
4.
Because of the permanent overload, the OCP1 is triggered again and the above
sequence will be repeated: the soft-stop in about 50 ms (1, in the right picture), VCC
discharges (2, in the right picture), VCC recharges and the converter restarts (3, in the
right picture).
5.
The hiccup operation will last for the time the overload condition is kept. As it is
removed, the converter will restart the normal operation at the first VCC recharge after
the removal of the overload condition.
7.24.2
Second level OCP protection
In case of particularly severe dead shorts the current in the resonant tank can rise very
quickly to very high levels. In such cases it would be dangerous for the converters to wait
the timing set up by the procedure described above, so the STCMB1 is equipped with an
additional comparator referenced at 1.5 V (typ. level, VISEN_HB). In case of dead shorts if the
signal on the ISEN_HB pin reaches the VISEN_HB the converter is stopped immediately after
terminating the current cycle and the internal CSS discharging switch is forced continuously
on.
The resonant HB will restart the operation after the VCC has dropped below the VVCCOff, and
then risen to the VVCCON by the activation of the HV start-up as during normal power-on.
The converter operation will result in a continuous intermittent operation (hiccup mode) until
the fault is removed.
In order to prevent the intervention of this protection at the start-up due to any initial
transient or spike, this second level OCP protection is inhibited until the voltage on Css is
higher than 0.3 V.
7.25
HB: high voltage bootstrap section and HB gate drivers (HVG
and LVG)
The supply of the floating high-side section is obtained by means of bootstrap circuitry. This
solution normally requires a high voltage fast recovery diode to charge the bootstrap
capacitor CBOOT, as shown in Figure 30a. In the STCMB1 a patented integrated structure
replaces this external diode. It is realized by means of a high voltage DMOS, working in the
third quadrant and driven synchronously with the low-side driver (LVG), with a diode in
series to the source, as shown in Figure 30b.
The diode prevents any current can flow from the VBOOT pin back to VCC in case that the
supply is quickly turned off when the internal capacitor of the pump is not fully discharged.
To drive the synchronous DMOS it is necessary a voltage higher than the supply voltage
VCC. This voltage is obtained by means of an internal charge pump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com