Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
DocID028958 Rev 4
45/59
STCMB1
Application information
59
left-hand picture in Figure 12 on page 25. Once again, one MOSFET can be turned on while
the body diode of the other is conducting and this may happen for a few cycles.
This is automatically prevented with timeshift control. In fact, being the oscillator ramps
synchronized to the zero crossings of the tank current, a ramp in a half-cycle starts only after
the tank current has reversed in that half-cycle. As a result, the duty cycle of the initial cycles
is less than 50% until the dc voltage across the Cr reaches Vin/2, which eliminates the initial
V • s imbalance and ensures soft-switching. The picture of Figure 27 shows the start-up
waveforms of a resonant converter driven by the STCMB1.
7.24
HB: OCP management with internal digital delay and restart
In the STCMB1 the current sense input ISEN_HB pin senses the current flowing in the
resonant tank to perform two tasks:
1.
Primary overcurrent protection (OCP function)
2.
Hard switching cycle prevention
In this section the discussion is focused on the OCP function.
Unlike PWM controlled converters, where the energy flow is controlled by the duty cycle of
the primary switch (or switches), in a resonant HB the duty cycle is fixed and the energy flow
is controlled by its switching frequency. Thus, in resonant HB converters the most efficient
way to reduce an excessive current level is the increasing of the switching frequency.
In Figure 28 a couple of current sensing methods are illustrated that will be described here
following.
Figure 28. Current sensing techniques: a) with sense resistor, b) “lossless”, with capacitive shunt
In the circuit shown in Figure 28a, Rs is placed directly in series to the resonant tank. Its
value can be determined using Equation 27.
Equation 27
where IRES.pk is the maximum expected peak current flowing through the resonant capacitor
and the primary winding of the transformer, with the maximum load and the minimum input
voltage. The power dissipation in Rs can be approximately found with:
Equation 28
RS
0.76V
IRES pk
---------------------
=
PD
0.4IRES pk
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com