Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 23Page - STMicroelectronics STCMB1 Datasheet HTML 24Page - STMicroelectronics STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
DocID028958 Rev 4
27/59
STCMB1
Application information
59
7.13
PFC: Dynamic OVP and feedback failure protection (latched)
The STCMB1 is equipped with PFC protections to prevent failures due to an excessive PFC
voltage.
The dynamic overvoltage protection (OVP) is non-latch protection dedicated to prevent an
excessive increasing of the PFC output voltage caused by load transients that may happen
because of the typically limited bandwidth of the PFC output voltage regulation loop. In this
case an internal comparator monitoring the PFC output voltage via the FB pin (#3) stops the
switching activity if the voltage at the pin reaches the threshold VFB_S (2.675 V typ.) and will
allow the restarting if the voltage on the pin decreases to VFB_R (2.55 V typ.).
An additional protection against overvoltages caused by a PFC loop failure (disconnection)
is also integrated in the STCMB1 device: in case the voltage on the FB pin (#3) drops to the
threshold VFB_D (0.45 V typ.) an internal comparator stops the switching activity of both
converters, latching the IC operation. The HV start-up is activated to keep the latch
condition. The latch condition will be cleared by unplugging the power supply from the
mains.
In case a latch protection is needed for other purposes as the LLC open loop or OTP it is
possible latch the whole STCMB1 by tie the FB pin to GND by an open collector or an open
drain transistor.
The mentioned protection thresholds are in tracking with the internal reference of the IC and
therefore will have a similar tolerance as the PFC error amplifier reference.
Figure 13. Dynamic OVP and feedback failure protection operating waveforms
In Figure 14 the waveforms in case of the Dynamic OVP and feedback failure protection
intervention have been captured. In case of the intervention of Dynamic OVP (left picture)
we can see a case of load disconnection: the error amplifier output starts decreasing but the
narrow bandwidth of the loop do not allow a fast response, in the meantime the PFC output
voltage has increased. The FB pin voltage has increased proportionally and when that
voltage has crossed the threshold the PFC has stopped the switching activity. We can also
see on the picture that the COMP pin level is well above the burst mode threshold and
therefore the stopping of switching activity is not due to the burst mode comparator. The
PFC restarts switching when the FB voltage decreases at 2.55 V. Considering the nominal
PFC output voltage we can calculate the Dynamic OVP threshold as:
VPFC_DOVP = VPFC • 1.06.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com