Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics STCMB1 Datasheet HTML 51Page - STMicroelectronics STCMB1 Datasheet HTML 52Page - STMicroelectronics STCMB1 Datasheet HTML 53Page - STMicroelectronics STCMB1 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
Application information
STCMB1
50/59
DocID028958 Rev 4
bootstrap capacitor from being charged to a voltage exceeding the absolute maximum
rating (21 V), in case of significant negative spikes on the half-bridge midpoint when the
high-side MOSFET turns off.
Both high-side and low gate drivers have a DMOS structure driving the MOSFET gates. The
current capability is 0.3 A at the MOSFET turn-on and 0.6 A at turn off, giving typical rise
and fall times of 60 ns and 30 ns respectively.
Both drivers have pull-down circuitry active before the start-up to keep the MOSFETs safely
off against an unwanted turn-on due to the environment noise: the HVG has an internal pull-
down resistor (27 k
 typ.) connected among the HVG and OUT pin, while the LVG driver
has active pull-down circuitry. Both them allow removing the typical gate-source resistance
or using a higher value.
It has to be noted that the drivers have no any voltage clamping of the gate voltage.
Therefore the MOSFETs will be driven with a driving voltage at the VCC level. For this
reason the VCC will have to be limited in all operating or fault condition to a safe level, to
avoid any premature aging or damaging of the MOSFETs gate oxide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com