Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics STCMB1 Datasheet HTML 51Page - STMicroelectronics STCMB1 Datasheet HTML 52Page - STMicroelectronics STCMB1 Datasheet HTML 53Page - STMicroelectronics STCMB1 Datasheet HTML 54Page - STMicroelectronics STCMB1 Datasheet HTML 55Page - STMicroelectronics STCMB1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
STCMB1 layout hints
STCMB1
52/59
DocID028958 Rev 4
2.
Connect the pin #13 (GND) to the RTN star point making the connections as
short as possible and using a track width suitable to minimize its impedance
(larger than 1 mm). Keep this connection separated from any other GND connection,
especially if carrying high currents.
3.
PCB tracks carrying high dV/dt signals have to be as short as possible. This
minimizes the noise radiation that might affect high impedance points working with low
level signals. Therefore, the PCB tracks connected to the boost inductor, PFC
MOSFET drain, PFC rectifier and LLC resonant tank MOSFETs and transformer have
to be routed as short as possible and their width has to be at least 1.5 mm, in order to
minimize their parasitic inductance. Pay attention also to the insulation creepage
distance.
Figure 31. STCMB1 power section and RTN connections
4.
Place the VCC filter capacitor (ceramic, 470 nF ÷ 1 µF) close to the STCMB1
connecting it to the VCC pin (pin #15) and to the GND (pin #13).
5.
Keep signal components as close as possible to the relevant pins. Connect the
components relevant to the FB (pin #3), COMP (pin #4), TON (pin #5) CF (pin #7), CSS
(pin #8) RFMIN (pin #9), STBY (pin #10) close to the GND pin of the STCMB1 (pin
#13). All components and traces connected to the mentioned pins have to be placed far
from traces and connections carrying signals with high dV/dt.
6.
The tracks relevant to the whole net of the pin #3 (FB) have to be as short as
possible and far from high dV/dt signal tracks. Because of its high impedance, the
pin could pick up noise affecting the PFC operation. If an additional circuit is needed to
pull-down the pin to latch the STCMB1 in case of OTP or the open loop, it has to be
placed close to the pin itself.
7.
Place the RC filtering components of the PFC and LLC current sensing as close
as possible to the relevant pins, ISEN_PFC and ISEN_HB. Filtering resistors in
series have to be placed nearby the pins as well. The filtering capacitors ground
connection have to be near to the pin #13 (GND), on the signal ground connection.
Components and traces connected to the mentioned pins have to be placed far from
traces and connections carrying signals with high dV/dt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com