Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
DocID028958 Rev 4
31/59
STCMB1
Application information
59
The calculated voltage VHB_Stop will have to be guaranteed by the bulk capacitors after the
hold-up time and will be the minimum voltage at which the resonant HB converter will work,
and therefore it will be dimensioned according to that minimum voltage.
Since the PFC stage is typically designed at the minimum input voltage (and maximum
output load), a DC brown-out event could occur at heavy loads, when the input voltage is
between the minimum input voltage and the AC brown-out threshold. In fact, in this
condition, the PFC is limiting the power delivered and its output voltage could decrease up
to the DC brown-out threshold at which the LLC stage is turned off: VOUT will drop and VCC
will be discharged. As VCC reaches VCCon, the HV start-up is activated, VCC recharged
and operations restarted as VCC reaches VCCon.
To avoid the occurrence of a DC brown-out event before the AC brown-out, at the full load,
the PFC stage has to be designed at the ACBO threshold rather than at the minimum input
voltage.
7.17
HB: timeshift control basic concept
The TSC methodology consists in controlling the amount of time TSH elapsing from a zero
crossing of the tank current to the next toggling of the half-bridge, as shown in Figure 16.
The edge of the square wave voltage commanded at the end of TSH has the opposite sense
with respect to that of the current zero crossing that initiated TSH. This ensures that the tank
current lags behind the applied square wave voltage and, therefore, that the MOSFETs of
the half-bridge work with soft-switching. Figure 16 shows, for example,
a negative-going edge of the square wave voltage commanded after a positive-going zero
crossing of the tank current (highlighted in blue).
Figure 16. Concept of timeshift control and control variable (TSH) range
Denoting with the phase shift of the tank current with respect to the applied square wave
voltage, Equation 18 relates the timeshift to operating frequency fsw:
Equation 18
Under no load conditions, the operating frequency reaches the maximum value fswmax, the
switching period is Tswmin = 1/fswmax and the tank current is in quadrature to the voltage
(
 = / 2; Figure 16, left-hand side), so it is TSH = Tswmin / 4. On the opposite side, at the
boundary with the capacitive mode operation, when the current and voltage are in phase
s w
S H
f
π
π
T
1
2
Φ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com