Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics STCMB1 Datasheet HTML 51Page - STMicroelectronics STCMB1 Datasheet HTML 52Page - STMicroelectronics STCMB1 Datasheet HTML 53Page - STMicroelectronics STCMB1 Datasheet HTML 54Page - STMicroelectronics STCMB1 Datasheet HTML 55Page - STMicroelectronics STCMB1 Datasheet HTML 56Page - STMicroelectronics STCMB1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
DocID028958 Rev 4
53/59
STCMB1
STCMB1 layout hints
59
8.
Connect the RTN of signal components directly to the STCMB1 GND pin (pin
#13). RTN of signal components relevant to the pins FB (pin #3), COMP (pin #4), TON
(pin #5) CF (pin #7), CSS (pin #8) RFMIN (pin #9), STBY (pin #10) must not be
involved in any different return path, it must be kept separated. Use ground tracks width
more than 1 mm.
Figure 32. Control circuitry hints
9.
Connect the feedback optocoupler emitter to the signal RTN, close to the GND
connection of oscillator components. Both optocoupler tracks have to be placed far
from traces and pins operating with high voltage and high dV/dt.
10. Connect heatsinks to Power GND close to each relevant MOSFET source.
Connect the PFC MOSFET heatsink to primary GND, close to the PFC MOSFET
source. Connect the half-bridge MOSFETs heatsink, if present, to primary GND too and
close to the LLC low-side MOSFET source. Never leave heatsinks floating.
11. Place an external copper band contacting the ferrite core of the boost inductor
and connect it to GND. Grounding the core of the PFC inductor decreases the EMI
(radiated noise) from the PFC inductor caused by the dV/dt; it improves the EMC
performance of the SMPS.
12. Place the bootstrap capacitor close to the pins #20 and #18 of STCMB1. Do not
place tracks relevant to the pins VBOOT, HVG an OUT close to signal pins or tracks,
especially CF and other oscillator pins may be affected by disturbances because such
pins operates with high voltage and high dV/dt. Furthermore,
a)
Minimum insulation distances of these tracks and relevant components, with
respect to other low voltage parts, have be checked too.
b)
If an external bootstrap diode is needed, please locate it close to the STCMB1
pins minimizing the length of the tracks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com