Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 13Page - STMicroelectronics STCMB1 Datasheet HTML 14Page - STMicroelectronics STCMB1 Datasheet HTML 15Page - STMicroelectronics STCMB1 Datasheet HTML 16Page - STMicroelectronics STCMB1 Datasheet HTML 17Page - STMicroelectronics STCMB1 Datasheet HTML 18Page - STMicroelectronics STCMB1 Datasheet HTML 19Page - STMicroelectronics STCMB1 Datasheet HTML 20Page - STMicroelectronics STCMB1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
DocID028958 Rev 4
17/59
STCMB1
Application information
59
7.3
Ac brown-out protection
The STCMB1 device is equipped with brown-out protection to prevent the operation at too
low ac input voltage (typically when it falls below 70 V ac). When the brown-out protection is
activated, the PFC and HB sections are both turned off, the VCC start falling because no
more sustained by the on-board self-supply. When VCC reaches the turn-off threshold
(VVCCoff ), the HV start-up is turned on and VCC is charged up to VCCon. The HV start-up is
then turned off and VCC falls again toward VCCoff, since the switching activity is forbidden
by the brown-out protection. The charge and discharge of VCC goes on as long as the
abnormal ac mains condition lasts. The brown-out protection is deasserted when the ac
voltage goes above the brown-in threshold (typically 80 V ac).
In order to avoid unexpected intervention of AC brown-out protection in case of missing
cycles or short dips of the ac mains, a debounce time, TDB, has been introduced: in practice,
an AC brown-out condition has to last a time equal to TDB (32 ms, typ.) to stop the converter
operation.
To allow correct behavior of the brown-in and brown-out protections, accordingly to
the threshold values given in Table 4 on page 11, a resistor with value between 3 k
and 9 k
, in series with the HV pin is mandatory.
The brown-in threshold has to be intended as the voltage at the HV pin right before the
adapter turn-on (first GDPFC pulse, in general), when the mains voltage is slowly increased.
In detail, before the brown-in, VCC is charged by the HV start-up generator and naturally
discharged. During the charge phase, the voltage at the HV pin is about the actual mains
voltage minus the drop on the series resistor. When VCC = VCCon, the HV start-up
generator is turned off, the voltage drop is reduced to zero and the voltage at the HV pin
becomes equal to the actual mains voltage. So, the converter turn-on by brown-in will occur
when the mains voltage is above the threshold and the charge phase of VCC is finished.
Conversely, because of the debounce time, the brown-out threshold has to be intended as
the last peak voltage at the HV pin at about one debounce time before the adapter turns off
(PFC and LLC simultaneously turn off, in general), when the mains voltage is slowly
decreased. Note that before the brown-out, the converter is working, so VCC is generated
on the board and the HV start-up generator is off; consequently, the voltage at the HV pin is
about the actual mains voltage. When the brown-out is triggered, the converter is turned off
and the VCC is naturally discharged up to VCCoff when the HV start-up generator is turned
on and the charge / discharge operation of VCC starts to maintain the protected condition.
Figure 6. Brown-in and brown-out operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com