Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 24Page - STMicroelectronics STCMB1 Datasheet HTML 25Page - STMicroelectronics STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Application information
STCMB1
28/59
DocID028958 Rev 4
In the left picture a feedback disconnection event has been captured: we can see that when
the FB pin drops below the threshold the converters stops switching and the HV start-up is
activated keeping the STCMB1 correctly powered to retain the latch condition. The latch
condition can be cleared by unplugging the ac mains voltage.
7.14
PFC gate driver
The GD_PFC gate driver has a DMOS structure driving the MOSFET gate. The current
capability is 0.3 A at the MOSFET turn-on and 0.7 A at turn-off, giving typical rise and fall
times of 60 ns and 30 ns respectively, so it is able to drive MOSFETs with suitable size for
high efficiency transition mode PFCs.
The driver has no any voltage clamping of the gate voltage thus the MOSFET will be driven
with a driving voltage at the VCC level. For this reason the VCC will have to be limited in all
operating or fault condition to a safe level, to avoid any premature aging or damaging of the
MOSFETs gate oxide.
Active pull-down circuitry prevents any undesired MOSFET turn-on that might occur in very
noisy environment and allows removing the typical gate-source resistance or using
a higher value.
7.15
Resonant HB section
The STCMB1 embeds an advanced double-ended controller specific for the resonant half-
bridge topology. Its detailed block diagram is illustrated in Figure 7 on page 19.
Normally, in this converter the MOSFETs of the half-bridge leg are alternately switched on
and off (180 ° out-of-phase) for exactly the same time. This is commonly referred to as an
operation at “50% duty cycle”, although the real duty cycle, e.g.: the ratio of the on-time of
either switch to the switching period, is actually less than 50%. The reason is that there is
a deadtime TD inserted between the turn-off of either MOSFET and the turn-on of the other
one, where both MOSFETs are off. This deadtime is essential in order for the converter to
work correctly: it enables soft-switching and, then, the high frequency operation with high
efficiency and low EMI emissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com