Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
DocID028958 Rev 4
33/59
STCMB1
Application information
59
There is a number of benefits resulting from these properties, which can be summarized as
follows:
Converter dynamics is very close to that of a first-order system: frequency
compensation is considerably simpler (a standard type 2 compensation scheme can be
used for optimum results) and its natural response to perturbations is overdamped.
This makes the system less prone to those small subharmonic oscillations that can be
sometimes observed as a result of switching noise or when secondary synchronous
rectification is used.
Load transient is considerably improved: overshoots and undershoots are significantly
smaller, settling times significantly shorter.
Input ripple rejection is improved: because of the simpler dynamics, the low frequency
gain of the feedback loop can be considerably larger (at least 15 - 20 dB), with
a corresponding reduction of the residual 100/120 Hz ripple on the output voltage.
Hard switchings at the start-up are prevented: it's inherent in the control methodology
to ensure that the half-bridge toggles when the tank current has the right sign in order
for the MOSFETs to achieve soft-switching.
For more information on the methodology, please refer to Section 11: Reference on
page 56.
7.18
HB: oscillator
The oscillator is programmed externally by means of a capacitor (CF), connected from the
CF pin to ground, and the network connected to the RFmin pin. The capacitor CF is charged
with a constant current starting from zero up to a peak value (= 1.5 V in continuous
switching) and then quickly discharged, thus originating a triangular sawtooth. The network
connected to the RFmin defines the charging current for the CF.
The RFmin pin provides an accurate 2 V reference capable of sourcing up to 2 mA; the
current IR sourced by the pin is internally mirrored and output from the CF pin. The mirroring
ratio, KM is typically 1. Therefore, the higher IR is, the faster CF is charged. The simplified
block diagram of the oscillator is shown in Figure 18. The circuitry that locks and
synchronizes the actual set of the oscillator ramp to the zero crossing of the tank current,
sensed at the ISEN_HB pin, is not shown for the sake of simplicity.
Figure 18. Oscillator block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com