Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 26Page - STMicroelectronics STCMB1 Datasheet HTML 27Page - STMicroelectronics STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Application information
STCMB1
30/59
DocID028958 Rev 4
7.16
Dc brown-out function (HB enable and disable)
Figure 15. Dc brown-out block diagram
The dc brown-out is a function dedicated to manage the correct sequencing of the
converters at the power-on and shutdown. This function is necessary to ensure that the
resonant HB stage starts after the PFC has started up, and PFC output voltage is close to
the nominal level. The function also guarantees that at power-off the resonant HB stops the
operation at a precise input voltage level, thus allowing to properly manage the hold-up
requirements of the power supply. Actually, the PFC bulk capacitor acts as a reservoir
battery and powers the resonant stage when the ac mains disappears.
The function monitors the PFC output voltage on the FB pin and enables the resonant HB
stage operation as the pin voltage reaches 2.4 V (VFB_E typ. value). The resonant stage is
then stopped if the voltage on the FB pin drops to 1.75 V (VFB_D typ. value). The resonant
HB is re-enabled as the voltage on the FB pin rises again above the enable voltage
reference VFB_E.
Considering a PFC delivering a typical 390 V output voltage at nominal Vref, we can easily
calculate the resonant HB stage enable and disable voltages:
Equation 17
VPFC
390V
=
Vref
2.5V
=
VFB E
–
2.4V
=
VFB D
–
1.75V
=
VHB Start
–
VPFC
VFB E
–
Vref
------------------
374.4V
==
VHB Stop
–
VPFC
VFB D
–
Vref
------------------
273V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com